Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 152 page
background image
OPA2 I/O status description:
The following table illustrates the OPA2 I/O settings.
· HT45F23/HT45F43
A2EN
PGAEN
A2NS
A2PS
IO2(A2N), IO3(A2P), IO4(A2E)
0
x
x
x
IO2, IO3, IO4 are I/Os
1000
IO2, IO3 are I/Os. A2E is OPA2 output
1001
IO2 is I/O. A2P is OPA2 input, A2E is OPA2 output
1010
IO3 is I/O. A2N is OPA2 input, A2E is OPA2 output
1011
A2N, A2P are OPA2 inputs, A2E is OPA2 output
1100
IO3 are I/O. A2N is OPA2 input. A2E is OPA2 output
1101
A2N, A2P are OPA2 inputs, A2E is OPA2 output
1110
IO3 is I/O. A2N is OPA2 input. A2E is OPA2 output
1111
A2N, A2P are OPA2 inputs, A2E is OPA2 output
Comparators
Two analog comparators are contained within this device. These functions offer flexibility via their
register controlled features such as power-down, interrupt etc. In sharing their pins with normal I/O
pins, the comparators do not waste precious I/O pins if there functions are otherwise unused. In
addition, the HT45F23 provides the calibration function to adjust the comparator offset.
Comparator Operation
The devices contain two comparator functions which are used to compare two analog voltages and
provide an output based on their difference. Full control over the two internal comparators is provided
via control registers, CMP1C0, CMP1C1, CMP2C0 and CMP2C1. The comparator output is recorded
via a bit in their respective control register, but can also be transferred out onto a shared I/O pin or to
generate an interrupt trigger with edge control function. Additional comparator functions include the
power down control.
Comparator Registers
The internal dual comparators are fully under the control of internal registers, CMP1C0, CMP1C1,
CMP2C0 and CMP2C1. These registers control enable/disable function, input path selection, interrupt
edge control and input offset voltage calibration function.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
107
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com