Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 152 page
background image
Comparator Functions
Theses two comparators can operate together with the OPAs or standalone as shown in the main
functional blocks of the OPAs and Comparators.
Each of the internal comparators in the HT45F23 allows for a common mode adjustment method of its
input offset voltage.
The calibration steps are as following:
1. Set C1OFM=1 to setup the offset cancellation mode, here S3A is closed.
2. Set C1RS to select which input pin is to be used as the reference voltage - S1A or S2A is closed
3. Adjust C1OF0~C1OF4 until the output status changes
4. Set C1OFM=0to restore the normal comparator mode
5. Repeat the same procedure from steps 1 to 4 for comparator 2
The following diagram and table illustrate the comparators switch control setting and the
corresponding connections. Note that some switch control selections will force some switches to be
controlled by hardware automatically.
For example:
· When the CMP1 in calibration mode, i.e. C1OFM =1, then the SW1, SW3 will be forced to close.
The CNPSEL and C1NSEL bits will be set
²1² by hardware, and these two bits will be read out as
²1². After the offset voltage calibration , the CNPSEL and C1NSEL will be back to its original value.
· When the CMP2 in calibration mode, i.e. C2OFM =1, then the SW1, SW2 will be forced to close.
The CNPSEL and C2PSEL bits will be set
²1² by hardware, and these two bits will be read out as
²1². After the offset voltage calibration, the CNPSEL and C2PSEL will be back to its original value.
· If the CNPSEL=1, the A1O2CIN and A2O2CIN will be forced to
²0², i.e. If the SWI is closed, and
that will force S7C and S10D to open.
· If the CNPSEL=0 and the A1O2CIN=1, the A2O2CIN will be forced to
²0², i.e. If the S7C is closed,
and that will force S10D to open.
Rev. 1.20
110
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
I O 1 / C 1 N
C 1 O U T E N
I O 5 / C 1 O U T
C M P 1
I O 2 / C N P
C M P 1 O P
C 1 R S
X
0
1
C 1 O F M
0
1
1
S 1 A
O N
O F F
O N
S 2 A
O N
O N
O F F
S 3 A
O F F
O N
O N
" X " : d o n ' t c a r e
S 2 A
S 1 A
S 3 A
N o t e : S 1 A , S 2 A a n d S 3 A a r e f o r H T 4 5 F 2 3 o n l y .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com