Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 152 page
background image
CMP1C0 Register
- HT45F23
Bit
76543210
Name
CMP1OP
C1OFM
C1RS
C1OF4
C1OF3
C1OF2
C1OF1
C1OF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00010000
Bit 7
CMP1OP: comparator output; positive logic. This bit is read only.
Bit 6
C1OFM: Comparator mode or input offset voltage cancellation mode
0: comparator mode
1: input offset voltage cancellation mode
When the C1OFM=1, comparator inputs are always from I/O pins. i.e. the CNPSEL and C1NSEL
will be forced to
²1². That means disconnect the input from OPAs output.
Bit 5
C1RS: Comparator input offset voltage cancellation reference selection bit
0: select C1N as the reference input
1: select CNP as the reference input
Bit 4~0
C1OF4~C1OF0: Comparator input offset voltage cancellation control bits
CMP1C0 Register
- HT45F43
Bit
76543210
Name
CMP1OP
¾¾¾¾¾¾¾
R/W
R
¾¾¾¾¾¾¾
POR
0
¾¾¾¾¾¾¾
Bit 7
CMP1OP: comparator output; positive logic. This bit is read only.
Bit 6~0
unimplemented, read as
²0²
CMP1C1 Register
- HT45F23/HT45F43
Bit
76543210
Name
CNPSEL
¾¾¾
C1INTEN
C1OUTEN
C1NSEL
CMP1EN
R/W
R/W
¾¾¾
R/W
R/W
R/W
R/W
POR
1
¾¾¾
0010
Bit 7
CNPSEL: Comparator non-inverting input control bit
0: from OPA output
1: from CNP pin
Bit 6~ 4
unimplemented, read as
²0²
Bit 3
C1INTEN: Comparator 1 interrupt control bit
0: disable
1: enable
Bit 2
C1OUTEN: Comparator 1 output pin control bit
0: disable
1: enable
Bit 1
C1NSEL: Comparator 1 inverting input control bit
0: from VH0
1: from C1N pin
Bit 0
CMP1EN: Comparator 1 enable or disable control bit
0: disable
1: enable
Rev. 1.20
108
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com