Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 29 of 84
The actions triggered by the CS_OCP, CS1_A_OCP, and
CS1_B_OCP flags can be programmed with Register 0xFE00
and Register 0xFE04. For more information, see the Protection
Actions section and the Flag Configuration Registers section.
Cycle-by-Cycle Limit Function for SR Outputs
In addition to the CS_OCP, CS1_A_OCP, and CS1_B_OCP
flags, a cycle-by-cycle limit function can be used. This function
is triggered by the CS, CS1_A, and CS1_B OCP comparator
output. For example, when the CS OCP comparator output is
high, all PWM outputs assigned to Channel C are disabled for
the remainder of the switching cycle. The outputs are reenabled
at the start of the next switching cycle. During a switching cycle,
if the rising edge of a PWM output occurs after the flag is cleared,
the PWM output is not disabled.
To avoid current overstress of the body diode of the synchron-
ous rectifiers, the cycle-by-cycle OCP actions of the SR PWM
outputs (OUT3, OUT4, OUT7, and OUT8) can be programmed
with Register 0xFE6D. The SR PWM outputs can be programmed
the same way as other PWM outputs (see the CS, CS1_A, and
CS1_B Fast OCP Flags section), or they can be programmed so
that when an OCP condition occurs on the channel, the output
is turned on. There is a 145 ns to 180 ns delay (dead time) between
the comparator output going high and the turning on of the SR
PWM outputs. The falling edge of the SR PWM outputs still
follows the programmed value.
Note that cycle-by-cycle protection is not affected by the flag time-
out settings (the flag timeout values are set in Register 0xFE6F,
Register 0xFE70, and Register 0xFE71).
The comparator output can be completely ignored by setting Bit 7
in Register 0xFE6F, Register 0xFE70, and Register 0xFE71.
CS2_A and CS2_B Accurate OCP Flags
The CS2_A_OCP and CS2_B_OCP flags (Bit 4 in Register
0xFEC0 and Register 0xFEC1, respectively) are set when the
current reading at CS2_A or CS2_B exceeds the threshold
programmed in Register 0xFE18 and Register 0xFE19, respec-
tively. A flag debounce time of 0 ms, 20 ms, 200 ms, or 1 sec can
be set using Register 0xFE1A and Register 0xFE1B. Because the
CS2_A/CS2_B reading is the average value over every 10 ms,
there is an additional debounce and delay time of up to 10 ms.
The response to the CS2_A_OCP and CS2_B_OCP flags can
be programmed using Register 0xFE01. For more information,
see the Protection Actions section and the Flag Configuration
Registers section.
OVERTEMPERATURE PROTECTION (OTP) AND
OVERTEMPERATURE WARNING (OTW) FLAGS
The ADP1053 provides overtemperature protection flags (OTP1
and OTP2) and overtemperature warning flags (OTW1 and
OTW2) for each thermistor input, RTD1 and RTD2. The OTW1/
OTW2 flag is set when the temperature exceeds a programmable
threshold above the OTP1/OTP2 threshold; the OTW1/OTW2
threshold can be set to 3.125 mV (1 LSB), 6.25 mV (2 LSBs),
9.375 mV (3 LSBs), or 12.5 mV (4 LSBs) using Register 0xFE8A.
The OTW1/OTW2 flag is cleared when the temperature falls
below the OTW1/OTW2 threshold. The OTW1/OTW2 flag
can also be configured to activate the PGOOD_A/PGOOD_B
flag using Bit 6 and Bit 2 in Register 0xFE8A. The OTW1 and
OTW2 flags are Bits[3:2] of Register 0xFEC4.
If the temperature sensed at the RTD1 pin exceeds the threshold
programmed using Register 0xFE75, the OTP1 flag (Bit 3) is set
in Register 0xFEC2. If the temperature sensed at the RTD2 pin
exceeds the threshold programmed using Register 0xFE76, the
OTP2 flag (Bit 4) is set in Register 0xFEC2. These flags are cleared
when the OTP1/OTP2 condition is cleared, that is, when the
temperature falls below the temperature threshold set in the
OTW1/OTW2 settings register (Register 0xFE8A).
The overtemperature hysteresis is the difference between
the OTPx and OTWx temperature thresholds. Note that the
threshold voltage is in inverse relationship to the temperature.
Figure 27 illustrates the OTPx and OTWx temperature settings.
OTWx FLAG
IS SET
OTPx FLAG IS SET
TEMPERATURE
VTH_OTWx > VTH_OTPx
OTPx TEMPERATURE
THRESHOLD
OTWx TEMPERATURE
THRESHOLD
OT HYSTERESIS
OTPx AND OTWx
FLAGS ARE CLEARED
TIME
Figure 27. OTP, OTW, and OT Hysteresis
The debounce time of the flag is fixed at 100 ms. Because the
RTD1/RTD2 reading is the average value over every 10 ms,
there is an additional debounce and delay time of up to 10 ms.
The response to the OTP1/OTP2 flags can be programmed using
Register 0xFE05. For more information, see the Protection Actions
section and the Flag Configuration Registers section.
The RTD trim is required to make accurate temperature readings
at the lower end of the RTD ADC range. This results in a more
accurate measurement for determining the OTP threshold (see
the RTD1, RTD2, OTP1, and OTP2 Trim section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com