Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 31 of 84
FIRST FLAG ID RECORDING
Figure 29 shows the timing of the first flag ID recording
scheme. Table 10 describes the actions shown in Figure 29.
When the ADP1053 registers one or more fault conditions, it
stores the first flag in a dedicated register (Register 0xFECA for
Channel A and Register 0xFECB for Channel B). The first flag ID
represents the first flag that triggers a response and requires a
soft start after the fault is resolved. The following types of flags
are not recorded in the first flag ID register:
t0
t9
t8
t7
t6
t5
t4
t1
t2
t3
PSON
FLAG Y
FLAG Z
POWER SUPPLY
STATUS
FIRST FLAG ID
(CURRENT)
FIRST FLAG ID
(PREVIOUS)
EEPROM
UPDATE
XY
Z
0X
Y
•
Flags that are configured to be ignored
•
Flags whose configured action causes PWM outputs to be
disabled but which do not use a soft start to reenable the
PWM outputs after the fault is resolved
For more information, see the Protection Actions section.
The first flag ID registers give the user more information for
fault diagnosis than a simple flag. These registers also store the
previous first flag ID. The status of the first flag ID registers can
be downloaded to the EEPROM (set Bit 5 of Register 0xFE08).
The contents of the first flag ID registers are stored until read
by the user. The flag ID is also saved in EEPROM. In this way,
the user can read the flag information even if the ADP1053 is
powered off.
Figure 29. First Flag ID Timing
The Channel A first flag ID register (Register 0xFECA)
records the first flag ID of the fault that shut down Channel A;
the Channel B first flag ID register (Register 0xFECB) records
the first flag ID of the fault that shut down Channel B.
The first flag ID recording function can be disabled by setting
Bit 5 to 0 in Register 0xFE08.
Table 10. First Flag ID Timing
First Flag ID Register
Step
Action
Power Supply
Previous
Flag ID
Current
Flag ID
t0
The PSON signal turns on the power supply. The ADP1053 reads the first flag ID from
the EEPROM and saves it to the first flag ID register as both the current ID and the
previous ID.
On
Flag X
Flag X
t1
A fault (Flag Y) shuts down the power supply. Flag Y is now the current flag ID, and
Flag X is the previous flag ID. The first flag ID register is updated accordingly; the
EEPROM is then updated to save this information.
Off
Flag X
Flag Y
t2
Another fault (Flag Z) occurs while the power supply is off. Because Flag Z is not
the first flag that caused the shutdown, neither the first flag ID register nor the
EEPROM is updated.
Off
Flag X
Flag Y
t3
Flag Y is cleared, but Flag Z keeps the power supply off. The first flag ID register is
not updated.
Off
Flag X
Flag Y
t4
Flag Z is cleared. The first flag ID register is not updated.
Off
Flag X
Flag Y
t5
The power supply is turned on again after the reenable delay. The first flag ID
register is not updated.
On
Flag X
Flag Y
t6
The fault indicated by Flag Z shuts down the power supply. Flag Z is now the current
flag ID, and Flag Y is the previous flag ID. The first flag ID register is updated accordingly;
the EEPROM is then updated to save this information.
Off
Flag Y
Flag Z
t7
Flag Z is cleared. The first flag ID register is not updated.
Off
Flag Y
Flag Z
t8
The power supply is turned on again after the reenable delay. The first flag ID
register is not updated.
On
Flag Y
Flag Z
t9
PSON turns off the power supply.
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com