Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 51 of 84
Table 32. Register 0xFE06—Flag Reenable Delay, VDD_OV, and FLAGIN Configuration
Bits
Bit Name
R/W
Description
These bits specify the global delay from when a flag is cleared to the soft start process.
Bit 7
Bit 6
Typical Delay Time
0
0
250 ms
0
1
500 ms
1
0
1 sec
[7:6]
Flag reenable delay
R/W
1
1
2 sec
5
VDD_OV flag ignore
R/W
This bit enables or disables the VDD_OV flag.
0 = VDD_OV flag enabled. When there is a VDD overvoltage condition, the flag is set and the
part shuts down. When the flag is cleared, the part restarts.
1 = VDD_OV flag is always cleared.
4
VDD_OV flag
debounce
R/W
This bit sets the debounce time for the VDD_OV flag.
0 = 500 μs debounce time.
1 = 2 μs debounce time.
[3:2]
FLAGIN action
R/W
These bits specify the action to take when the FLAGIN flag is set.
Bit 3
Bit 2
FLAGIN Action
0
0
None
0
1
Disable PWM outputs in Channel A
1
0
Disable PWM outputs in Channel B
1
1
Disable all PWM outputs (Channel A, Channel B, and Channel C)
R/W
These bits specify the action to take after the FLAGIN flag is cleared.
Bit 1
Bit 0
Action After FLAGIN Is Cleared
0
0
After the reenable delay time, the PWM outputs are reenabled using the soft
start process
0
1
The PWM outputs are reenabled immediately without a soft start
1
0
A PSON signal is needed to reenable the PWM outputs
[1:0]
Action after FLAGIN
is cleared
1
1
A PSON signal is needed to reenable the PWM outputs
Register 0xFE07 selects flags to be blanked during soft start. When a flag is blanked, the flag is set but no action takes place. During the soft
start of any channel, the following flags are always blanked: FLAGIN, OTP1, OTP2, and ACSNS. During the soft start of Channel A, these
flags are also blanked: REVERSE_A and UVP_A. During the soft start of Channel B, these flags are also blanked: REVERSE_B and UVP_B.
Table 33. Register 0xFE07—Flag Blanking During Soft Start
Bits
Bit Name
R/W
Description
7
Reserved
R/W
Reserved.
6
CS_OCP blanking
R/W
0 = blank CS_OCP flag during Channel C soft start.
1 = do not blank CS_OCP flag.
5
OVP_B blanking
R/W
0 = blank OVP_B flag during Channel B soft start.
1 = do not blank OVP_B flag.
4
OVP_A blanking
R/W
0 = blank OVP_A flag during Channel A soft start.
1 = do not blank OVP_A flag.
3
CS2_B_OCP blanking
R/W
0 = blank CS2_B_OCP flag during Channel B soft start.
1 = do not blank CS2_B_OCP flag.
2
CS2_A_OCP blanking
R/W
0 = blank CS2_A_OCP flag during Channel A soft start.
1 = do not blank CS2_A_OCP flag.
1
CS1_B_OCP blanking
R/W
0 = blank CS1_B_OCP flag during Channel B soft start.
1 = do not blank CS1_B_OCP flag.
0
CS1_A_OCP blanking
R/W
0 = blank CS1_A_OCP flag during Channel A soft start.
1 = do not blank CS1_A_OCP flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com