Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 12 of 84
APPLICATION CIRCUITS
ACSNS
CS1_A
VIN = 36V DC TO 60V DC
100nH
Q1
Q2
Q3
Q4
Q6
Q7
Q8
Q5
DRIVER
DRIVER
iCoupler
iCoupler
7µH
VDD = 10V
VDD = 10V
DRIVER
VDD = 10V
DRIVER
VDD = 10V
3.3V
ADuM3210
ADuM3210
5V
3.3V
5V
OUT2
OUT1
3:5
OUT1
OUT2
OUT5
OUT7
ADP1053
OUT3
OUT4
OUT6
OUT8
CS2–_A
CS2+_A
VS+_A
VS–_A
2mΩ
LOAD
VOUT A+
48V/6.5A
VOUT A–
CS1_A
CS1_B
VS+_B
VS–_B
CS2–_B CS2+_B
ACSNS
1kΩ
DUPLICATE THE ABOVE SCHEMATICS FOR CHANNEL B
VOUT B+
VOUT B–
Figure 5. Application Circuit 1—Buck Preregulator Followed by a Fixed PWM Full-Bridge Topology with Synchronous Rectification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com