Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1053ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 5 of 84
SPECIFICATIONS
VDD = 3.0 V to 3.6 V, TA = −40°C to +125°C, unless otherwise noted. FSR = full-scale range.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
VDD
3.0
3.3
3.6
V
IDD
PWM pins unloaded
Normal operation (PSON high)
30
mA
Power supply off (PSON low)
30
mA
Shutdown (VDD below UVLO)
100
μA
During EEPROM programming
IDD + 8
mA
POWER-ON RESET
UVLO Threshold
VDD Rising
3.0
V
VDD Falling
2.750
2.85
2.975
V
OVLO Threshold
3.7
3.9
4.1
V
OVLO Debounce
When set to 2 μs
2
μs
When set to 500 μs
500
μs
VCORE PIN
Output Voltage
330 nF capacitor between VCORE and
DGND
2.3
2.5
2.7
V
OSCILLATOR AND PLL
PLL Frequency
RES = 10 kΩ
200
MHz
DPWM Resolution
625
ps
VS_A, VS_B VOLTAGE SENSE
Input Voltage
Differential voltage from VS+_A to
VS−_A and from VS+_B to VS−_B
0
1
1.6
V
Input Voltage FSR
1.6
V
VS_A, VS_B Accurate ADCs
Valid Input Voltage Range
0
1.5
V
ADC Register Update Rate
100
Hz
Resolution
12
Bits
Measurement Accuracy
From 0% to 100% of valid input voltage
−2.8
+2.1
% FSR
−44.8
+33.6
mV
From 10% to 90% of valid input voltage
−1.35
+2.1
% FSR
−21.6
+33.6
mV
From 900 mV to 1.1 V
−1.2
+1.65
% FSR
−19.2
+26.4
mV
Temperature Stability
From 900 mV to 1.1 V
−0.1
+0.1
mV/°C
Common-Mode Voltage Offset
Voltage from VS−_A and VS−_B to AGND
to achieve measurement accuracy
−200
0
+200
mV
VS_A, VS_B High Speed ADCs
Equivalent Resolution
At 390.6 kHz switching frequency
6
Bits
Dynamic Range
Regulation voltage 300 mV to 1.4 V
±10
mV
VS_A, VS_B UVP
Based on VS_A, VS_B accurate ADC
Threshold Accuracy
Same as accurate ADC measurement
accuracy specifications
Comparator Update Speed
10
ms
OVP_A, OVP_B PINS
Threshold Accuracy
−1.7
+1.6
%
Propagation Delay (Latency)
Debounce time not included
58
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com