Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 63 of 84
Table 83. Register 0xFE3D—Channel B Modulation Limit
Bits
Bit Name
R/W
Description
This register sets the maximum duty cycle modulation limit for PWM outputs in Channel B.
The modulation limit is the maximum time variation for the modulated edges from the default
timing (see Figure 42). The step size of an LSB depends on the switching frequency.
Switching Frequency
LSB Step Size
48.8 kHz to 86.8 kHz
80 ns
97.7 kHz to 183.8 kHz
40 ns
195.3 kHz to 378.8 kHz
20 ns
[7:0]
Channel B
modulation limit
R/W
390.6 kHz to 625.0 kHz
10 ns
Table 84. Register 0xFE3E—Channel A Feedforward and Soft Start Digital Filter Setting
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
High frequency ADC
debounce time
R/W
This bit sets the debounce time for detecting the settling of the VS_A high frequency ADC.
Bit 4 must be set to 1.
0 = 5 ms.
1 = 10 ms.
4
High frequency ADC
debounce enable
R/W
Setting this bit enables a debounce time for detecting the settling of the VS_A high frequency
ADC at the end of a soft start. The debounce time is set using Bit 5.
3
Feedforward ADC
selection
R/W
This bit should be set to 1 (factory default setting). This bit selects the 11-bit ACSNS ADC for
feedforward control of Channel A. Do not set this bit to 0.
2
Feedforward enable
R/W
This bit enables or disables feedforward control on Channel A.
0 = feedforward control disabled on Channel A.
1 = feedforward control enabled on Channel A.
These bits set the low-pass filter gain for Channel A during soft start.
Bit 1
Bit 0
Soft Start Filter Gain
0
0
1
0
1
2
1
0
4
[1:0]
Soft start filter gain
R/W
1
1
8
Table 85. Register 0xFE3F—Channel B Feedforward and Soft Start Digital Filter Setting
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
High frequency ADC
debounce time
R/W
This bit sets the debounce time for detecting the settling of the VS_B high frequency ADC.
Bit 4 must be set to 1.
0 = 5 ms.
1 = 10 ms.
4
High frequency ADC
debounce enable
R/W
Setting this bit enables a debounce time for detecting the settling of the VS_B high frequency
ADC at the end of a soft start. The debounce time is set using Bit 5.
3
Feedforward ADC
selection
R/W
This bit should be set to 1 (factory default setting). This bit selects the 11-bit ACSNS ADC for
feedforward control of Channel B. Do not set this bit to 0.
2
Feedforward enable
R/W
This bit enables or disables feedforward control on Channel B.
0 = feedforward control disabled on Channel B.
1 = feedforward control enabled on Channel B.
These bits set the low-pass filter gain for Channel B during soft start.
Bit 1
Bit 0
Soft Start Filter Gain
0
0
1
0
1
2
1
0
4
[1:0]
Soft start filter gain
R/W
1
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com