Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 61 of 84
Table 68. Register 0xFE2E—Channel A Normal Mode Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel A normal
mode zero setting
R/W
This register specifies the position of the zero in the feedback filter for Channel A in normal
mode (see Figure 41).
Table 69. Register 0xFE2F—Channel B Normal Mode Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel B normal
mode zero setting
R/W
This register specifies the position of the zero in the feedback filter for Channel B in normal
mode (see Figure 41).
Table 70. Register 0xFE30—Channel A Normal Mode Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel A normal
mode pole setting
R/W
This register specifies the position of the pole in the feedback filter for Channel A in normal
mode (see Figure 41).
Table 71. Register 0xFE31—Channel B Normal Mode Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel B normal
mode pole setting
R/W
This register specifies the position of the pole in the feedback filter for Channel B in normal
mode (see Figure 41).
Table 72. Register 0xFE32—Channel A Normal Mode High Frequency Gain
Bits
Bit Name
R/W
Description
[7:0]
Channel A normal
mode high
frequency gain
R/W
This register specifies the high frequency gain of the feedback filter for Channel A in normal
mode. The gain is programmable over a 20 dB range (see Figure 41). Each LSB corresponds to
a 0.3 dB increase.
Table 73. Register 0xFE33—Channel B Normal Mode High Frequency Gain
Bits
Bit Name
R/W
Description
[7:0]
Channel B normal
mode high
frequency gain
R/W
This register specifies the high frequency gain of the feedback filter for Channel B in normal
mode. The gain is programmable over a 20 dB range (see Figure 41). Each LSB corresponds to
a 0.3 dB increase.
Table 74. Register 0xFE34—Channel A Light Load Mode Low Frequency Gain
Bits
Bit Name
R/W
Description
[7:0]
Channel A light load
mode low frequency
gain
R/W
This register specifies the low frequency gain of the feedback filter for Channel A in light load
mode. The gain is programmable over a 20 dB range (see Figure 41). Each LSB corresponds to
a 0.3 dB increase.
Table 75. Register 0xFE35—Channel B Light Load Mode Low Frequency Gain
Bits
Bit Name
R/W
Description
[7:0]
Channel B light load
mode low frequency
gain
R/W
This register specifies the low frequency gain of the feedback filter for Channel B in light load
mode. The gain is programmable over a 20 dB range (see Figure 41). Each LSB corresponds to
a 0.3 dB increase.
Table 76. Register 0xFE36—Channel A Light Load Mode Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel A light load
mode zero setting
R/W
This register specifies the position of the zero in the feedback filter for Channel A in light load
mode (see Figure 41).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com