Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 44 of 84
MANUFACTURER-SPECIFIC EXTENDED COMMAND LIST
Table 13. Manufacturer-Specific Extended Command List
Command
Name
Flag Configuration Registers
0xFE00
CS1_A_OCP/CS1_B_OCP flag configuration
0xFE01
CS2_A_OCP/CS2_B_OCP flag configuration
0xFE02
OVP_A/OVP_B flag configuration
0xFE03
UVP_A/UVP_B flag configuration
0xFE04
CS_OCP/ACSNS flag configuration
0xFE05
OTP1/OTP2 flag configuration
0xFE06
Flag reenable delay, VDD_OV, and FLAGIN
configuration
0xFE07
Flag blanking during soft start
0xFE08
Volt-second balance blanking and SR disable
during soft start
0xFE09
PGOOD debounce
Switching Frequency Registers
0xFE0A
Switching frequency for Channel A
0xFE0B
Switching frequency for Channel B
0xFE0C
Switching frequency for Channel C
0xFE0D
Frequency synchronization delay time
0xFE0E
SYNO selection and synchronization enable
0xFE0F
Flag/synchronization pin functions
Channel A/Channel B Current Sense and Limit Setting Registers
0xFE10
CS1_A gain trim
0xFE11
CS1_B gain trim
0xFE12
CS2_A gain trim
0xFE13
CS2_B gain trim
0xFE14
CS2_A digital offset trim
0xFE15
CS2_B digital offset trim
0xFE16
CS2_A analog offset trim
0xFE17
CS2_B analog offset trim
0xFE18
CS2_A OCP threshold
0xFE19
CS2_B OCP threshold
0xFE1A
CS2_A high-side/low-side setting and Channel A
light load threshold
0xFE1B
CS2_B high-side/low-side setting and Channel B
light load threshold
Channel A/Channel B Voltage Sense and Limit Setting Registers
0xFE1C
VS_A gain trim
0xFE1D
VS_B gain trim
0xFE1E
VS_A reference maximum limit
0xFE1F
VS_B reference maximum limit
0xFE20
VS_A reference minimum limit
0xFE21
VS_B reference minimum limit
0xFE22
VS_A reference setting (MSBs)
0xFE23
VS_B reference setting (MSBs)
0xFE24
VS_A reference setting (LSBs)
0xFE25
VS_B reference setting (LSBs)
0xFE26
OVP_A setting
0xFE27
OVP_B setting
0xFE28
UVP_A setting
0xFE29
UVP_B setting
Command
Name
Soft Start, Digital Filter, and Modulation Setting Registers
0xFE2A
Channel A soft start ramp rate
0xFE2B
Channel B soft start ramp rate
0xFE2C
Channel A normal mode low frequency gain
0xFE2D
Channel B normal mode low frequency gain
0xFE2E
Channel A normal mode zero setting
0xFE2F
Channel B normal mode zero setting
0xFE30
Channel A normal mode pole setting
0xFE31
Channel B normal mode pole setting
0xFE32
Channel A normal mode high frequency gain
0xFE33
Channel B normal mode high frequency gain
0xFE34
Channel A light load mode low frequency gain
0xFE35
Channel B light load mode low frequency gain
0xFE36
Channel A light load mode zero setting
0xFE37
Channel B light load mode zero setting
0xFE38
Channel A light load mode pole setting
0xFE39
Channel B light load mode pole setting
0xFE3A
Channel A light load mode high frequency gain
0xFE3B
Channel B light load mode high frequency gain
0xFE3C
Channel A modulation limit
0xFE3D
Channel B modulation limit
0xFE3E
Channel A feedforward and soft start digital filter
setting
0xFE3F
Channel B feedforward and soft start digital filter
setting
PWM Output Timing Registers
0xFE40
OUT1 rising edge timing (MSBs)
0xFE41
OUT1 falling edge timing (MSBs)
0xFE42
OUT1 rising and falling edge timing (LSBs)
0xFE43
OUT1 settings
0xFE44
OUT2 rising edge timing (MSBs)
0xFE45
OUT2 falling edge timing (MSBs)
0xFE46
OUT2 rising and falling edge timing (LSBs)
0xFE47
OUT2 settings
0xFE48
OUT3 rising edge timing (MSBs)
0xFE49
OUT3 falling edge timing (MSBs)
0xFE4A
OUT3 rising and falling edge timing (LSBs)
0xFE4B
OUT3 settings
0xFE4C
OUT4 rising edge timing (MSBs)
0xFE4D
OUT4 falling edge timing (MSBs)
0xFE4E
OUT4 rising and falling edge timing (LSBs)
0xFE4F
OUT4 settings
0xFE50
OUT5 rising edge timing (MSBs)
0xFE51
OUT5 falling edge timing (MSBs)
0xFE52
OUT5 rising and falling edge timing (LSBs)
0xFE53
OUT5 settings
0xFE54
OUT6 rising edge timing (MSBs)
0xFE55
OUT6 falling edge timing (MSBs)
0xFE56
OUT6 rising and falling edge timing (LSBs)
0xFE57
OUT6 settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com