Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 15 of 84
Example Configuration of PWM Outputs
Table 6 provides example register settings that configure the
OUT1 and OUT2 outputs for Channel A. In this example,
the switching frequency of Channel A is 208.3 kHz, that is,
a 4.8 μs switching cycle (Register 0xFE0A = 0x15).
GO Command
All eight PWM outputs work together. Therefore, when repro-
gramming more than one of these outputs, it is important to
first update all the registers and then latch the information into
the ADP1053 at the same time using the GO command (Bit 2
of Register 0xFE61). During reprogramming, the outputs are
temporarily disabled. A special instruction is sent to the ADP1053
to ensure that new timing information is programmed simulta-
neously. It is recommended that unused PWM outputs be disabled.
Modulation Settings
Bits[3:0] in each PWM output setting register enable/disable
rising and falling edge modulation and set the modulation sign.
When the modulation sign is positive, an increase of the feedback
filter output moves the edge to the right. When the sign is nega-
tive, an increase of the filter output moves the edge to the left.
For example, one of the most widely used modulation schemes
is trailing edge modulation. To realize this scheme, Bits[3:0] of
the PWM output setting registers are set to 0010.
Modulation Limits
Register 0xFE3C and Register 0xFE3D can be programmed to
apply a maximum duty cycle modulation limit to PWM signals
in Channel A and Channel B, respectively. As shown in Figure 8,
this limit is the maximum time variation for the modulated edges
from the default timing, following the configured modulation
direction. There is no minimum duty cycle limit setting. There-
fore, the user must set the rising edges and falling edges based
on the case with the least modulation.
tRX
tFX
tRY
tFY
t0
tS/2
tS
3
tS/2
OUTX
OUTY
tMOD_LIMIT
tMOD_LIMIT
Figure 8. Setting Modulation Limits
The step size of an LSB in Register 0xFE3C and Register 0xFE3D
depends on the switching frequency (see Table 5).
Table 5. LSB Step Size and Switching Frequency
Switching Frequency
LSB Step Size
48.8 kHz to 86.8 kHz
80 ns
97.7 kHz to 183.8 kHz
40 ns
195.3 kHz to 378.8 kHz
20 ns
390.6 kHz to 625.0 kHz
10 ns
The modulated edges cannot exceed one switching cycle. For
PWM outputs without the 180° phase shift, such as OUTX in
Figure 7, the edges before and after modulation are always from
t0 to tS. For PWM outputs with the 180° phase shift, such as
OUTY in Figure 7, the edges before and after modulation are
always from tS/2 to 3tS/2.
The GUI provided with the ADP1053 is recommended for
evaluating this feature.
Table 6. Example OUT1 and OUT2 Configuration
Register Setting
Configuration
Register 0xFE43, Bits[6:5] = 00
The PWM output OUT1 is assigned to Channel A with a frequency of 208.3 kHz.
Register 0xFE43, Bit 7 = 0
The reference for the rising and falling edges of OUT1 is the start of the switching cycle (180° phase shift
disabled).
Register 0xFE40 = 0x01 and
Register 0xFE42 = 0x00
The rising edge value is 0x010 (16 decimal), and the timing is set to 16 × 5 ns = 80 ns.
Register 0xFE41 = 0x20
The falling edge value is 0x200 (512 decimal), and the timing is set to 512 × 5 ns = 2.56 μs.
Register 0xFE47, Bits[6:5] = 00
The PWM output OUT2 is also assigned to Channel A with a frequency of 208.3 kHz.
Register 0xFE47, Bit 7 = 1
The reference for the rising and falling edges of OUT2 is half the switching cycle, tS/2 (180° phase shift
enabled).
Register 0xFE44 = 0x01 and
Register 0xFE46 = 0x00
The rising edge value is 0x010 (16 decimal). Due to the 180° phase shift, the timing is set to 16 × 5 ns +
2.4 μs = 2.48 μs.
Register 0xFE45 = 0x20
The falling edge value is 0x200 (512 decimal), and the timing is set to 512 × 5 ns + 2.48 μs = 5.04 μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com