Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 75 of 84
Table 115. Register 0xFE7A—Channel B PSON Setting
Bits
Bit Name
R/W
Description
7
PSON_B polarity
R/W
Setting this bit inverts the polarity of the PSON_B pin signal when hardware PSON_B is used.
0 = normal mode. A high signal on the PSON_B pin turns on Channel B.
1 = inverted. A low signal on the PSON_B pin turns on Channel B.
6
Software PSON_B
R/W
When software PSON_B is used, setting this bit turns on Channel B.
These bits specify which signal or signals are used as the PSON_B control.
Bit 5
Bit 4
PSON_B Control Selection
0
0
Always on. Channel B is always on.
0
1
Hardware PSON_B. The PSON_B pin turns Channel B on and off.
1
0
Software PSON_B. Bit 6 turns Channel B on and off.
[5:4]
PSON_B control
hardware/software
selection
R/W
1
1
Software and hardware PSON_B. Both the PSON_B pin and Bit 6 must be set
to turn on Channel B.
These bits specify the delay from when the PSON_B signal is set to when the soft start of Channel B begins.
Bit 3
Bit 2
Typical Delay Time
0
0
0 ms
0
1
50 ms
1
0
250 ms
[3:2]
PSON_B delay
R/W
1
1
1 sec
These bits specify the delay from when the PSON_B signal is cleared to when Channel B is turned off.
Bit 1
Bit 0
Typical Delay Time
0
0
0 ms
0
1
50 ms
1
0
250 ms
[1:0]
PSOFF_B delay
R/W
1
1
1 sec
Table 116. Register 0xFE7B—Additional Flag Reenable Delay and Channel C PSON Setting
Bits
Bit Name
R/W
Description
7
Channel C
additional flag
reenable delay
R/W
This bit specifies whether an additional PSON_C delay is added to the reenable delay after a flag is
cleared and before Channel C begins a soft start.
0 = no additional delay is added to the reenable delay.
1 = additional PSON_C delay is added to the reenable delay.
6
Channel B
additional flag
reenable delay
R/W
This bit specifies whether an additional PSON_B delay is added to the reenable delay after a flag is
cleared and before Channel B begins a soft start.
0 = no additional delay is added to the reenable delay.
1 = additional PSON_B delay is added to the reenable delay.
5
Channel A
additional flag
reenable delay
R/W
This bit specifies whether an additional PSON_A delay is added to the reenable delay after a flag is
cleared and before Channel A begins a soft start.
0 = no additional delay is added to the reenable delay.
1 = additional PSON_A delay is added to the reenable delay.
4
PSON_C control
selection
R/W
0 = Channel C is always on.
1 = Either PSON_A or PSON_B must be set to turn on Channel C.
These bits specify the delay from when the PSON_C signal is set to when the soft start of Channel C begins.
Bit 3
Bit 2
Typical Delay Time
0
0
0 ms
0
1
50 ms
1
0
250 ms
[3:2]
PSON_C delay
R/W
1
1
1 sec
These bits specify the delay from when the PSON_C signal is cleared to when Channel C is turned off.
Bit 1
Bit 0
Typical Delay Time
0
0
0 ms
0
1
50 ms
1
0
250 ms
[1:0]
PSOFF_C delay
R/W
1
1
1 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com