Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 59 of 84
Table 60. Register 0xFE26—OVP_A Setting
Bits
Bit Name
R/W
Description
These bits set the OVP_A flag debounce time.
Bit 7
Bit 6
Typical Debounce Time
0
0
0 μs
0
1
0.96 μs
1
0
2.24 μs
[7:6]
OVP_A flag
debounce time
R/W
1
1
8 μs
[5:0]
OVP_A threshold
R/W
These bits set the threshold for the OVP_A analog comparator. This threshold is programmable
from 0.75 V to 1.5 V. A setting of 0x00 corresponds to a 0.75 V threshold. A setting of 0x3F
corresponds to a 1.5 V threshold. Each LSB increments the threshold by 11.904 mV, as follows:
OVP Threshold = (Code × 0.75/63) + 0.75
Table 61. Register 0xFE27—OVP_B Setting
Bits
Bit Name
R/W
Description
These bits set the OVP_B flag debounce time.
Bit 7
Bit 6
Typical Debounce Time
0
0
0 μs
0
1
0.96 μs
1
0
2.24 μs
[7:6]
OVP_B flag
debounce time
R/W
1
1
8 μs
[5:0]
OVP_B threshold
R/W
These bits set the threshold for the OVP_B analog comparator. This threshold is programmable
from 0.75 V to 1.5 V. A setting of 0x00 corresponds to a 0.75 V threshold. A setting of 0x3F
corresponds to a 1.5 V threshold. Each LSB increments the threshold by 11.904 mV, as follows:
OVP Threshold = (Code × 0.75/63) + 0.75
Table 62. Register 0xFE28—UVP_A Setting
Bits
Bit Name
R/W
Description
7
UVP_A flag
debounce time
R/W
This bit sets the UVP_A flag debounce time.
0 = 0 ms.
1 = 100 ms.
[6:0]
UVP_A threshold
R/W
These bits set the UVP_A threshold. The UVP_A flag is set when the UVP_A threshold is larger
than the seven MSBs of the VS_A value register (Register 0xFED5). Each LSB of the UVP_A
threshold corresponds to 12.5 mV. When these bits are set to 0, the UVP_A flag is always cleared.
Table 63. Register 0xFE29—UVP_B Setting
Bits
Bit Name
R/W
Description
7
UVP_B flag
debounce time
R/W
This bit sets the UVP_B flag debounce time.
0 = 0 ms.
1 = 100 ms.
[6:0]
UVP_B threshold
R/W
These bits set the UVP_B threshold. The UVP_B flag is set when the UVP_B threshold is larger
than the seven MSBs of the VS_B value register (Register 0xFED6). Each LSB of the UVP_B
threshold corresponds to 12.5 mV. When these bits are set to 0, the UVP_B flag is always cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com