Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 57 of 84
Register 0xFE18 sets the CS2_A OCP threshold, and Register 0xFE19 sets the CS2_B OCP threshold.
Table 48. Register 0xFE18 and Register 0xFE19—CS2_A OCP Threshold and CS2_B OCP Threshold
Bits
Bit Name
R/W
Description
[7:0]
CS2_A/CS2_B OCP
threshold
R/W
The 8-bit OCP threshold set in this register is compared with Bits[15:8] in the CS2_A or CS2_B
value register (Register 0xFED3 or Register 0xFED4). If the eight MSBs in the value register are
higher, the CS2_A_OCP or CS2_B_OCP flag is set. When the OCP threshold is set to 0xFF (255
decimal), the CS2_A_OCP or CS2_B_OCP flag is always cleared. The range of the CS2 ADC is
0 mV to 120 mV, so the step size is 120 mV/4096 = 29.3 μV. Therefore, the threshold step size
is 29.3 μV × 16 = 468.8 μV. The OCP threshold can be calculated as follows:
Threshold Target (V) = (Threshold Code + 1) × 468.8 μV
The GUI converts the voltage to current based on the value of the current sensing resistor.
The valid range of the register code is from 2 to 241 decimal.
Register 0xFE1A selects the CS2_A high-side/low-side setting, sets the CS2_A_OCP flag debounce time, and sets the light load threshold
for Channel A. Register 0xFE1B sets the same values for Channel B.
Table 49. Register 0xFE1A and Register 0xFE1B—CS2_A/CS2_B High-Side/Low-Side Setting and Channel A/Channel B Light Load
Threshold
Bits
Bit Name
R/W
Description
7
High-side/low-side
sensing
R/W
This bit configures the part for high-side resistor current sensing or low-side current sensing.
0 = CS2_A or CS2_B is configured for low-side sensing.
1 = CS2_A or CS2_B is configured for high-side sensing.
These bits set the CS2_A_OCP/CS2_B_OCP flag debounce time.
Bit 6
Bit 5
Typical Debounce Time
0
0
0 ms
0
1
20 ms
1
0
200 ms
[6:5]
CS2_A_OCP/CS2_B_
OCP flag debounce
R/W
1
1
1 sec
4
LIGHTLOAD_A/
LIGHTLOAD_B flag
blanking in soft start
R/W
This bit specifies whether to blank the LIGHTLOAD_A/LIGHTLOAD_B flag during soft start.
0 = do not blank the LIGHTLOAD_A/LIGHTLOAD_B flag during Channel A/Channel B soft start.
1 = blank the LIGHTLOAD_A/LIGHTLOAD_B flag during Channel A/Channel B soft start.
[3:0]
CS2_A/CS2_B light
load threshold
R/W
These bits set the CS2_A/CS2_B ADC light load threshold value, below which the LIGHTLOAD_A or
LIGHTLOAD_B flag is set and Channel A or Channel B enters light load mode. Each LSB corresponds
to 64 LSBs of the 12-bit CS2_A/CS2_B reading, which is 1.56% of the full range (1.875 mV). Hysteresis
is included to exit light load mode; the threshold to exit light load mode is 96 LSBs greater than
the threshold to enter light load mode (96 LSBs = 2.34% of the full range, that is, 2.8125 mV).
When these bits are set to 0, the LIGHTLOAD_A/LIGHTLOAD_B flag is always cleared.
CHANNEL A/CHANNEL B VOLTAGE SENSE AND LIMIT SETTING REGISTERS
Table 50. Register 0xFE1C—VS_A Gain Trim
Bits
Bit Name
R/W
Description
7
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VS_A gain trim
R/W
These bits set the amount of gain trim that is applied to the VS_A ADC reading. This register
trims the voltage at the VS_A pin for external resistor tolerances. For more information, see the
VS_A and VS_B Gain Trim section.
Table 51. Register 0xFE1D—VS_B Gain Trim
Bits
Bit Name
R/W
Description
7
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VS_B gain trim
R/W
These bits set the amount of gain trim that is applied to the VS_B ADC reading. This register
trims the voltage at the VS_B pin for external resistor tolerances. For more information, see the
VS_A and VS_B Gain Trim section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com