Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 62 of 84
Table 77. Register 0xFE37—Channel B Light Load Mode Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel B light load
mode zero setting
R/W
This register specifies the position of the zero in the feedback filter for Channel B in light load
mode (see Figure 41).
Table 78. Register 0xFE38—Channel A Light Load Mode Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel A light load
mode pole setting
R/W
This register specifies the position of the pole in the feedback filter for Channel A in light load
mode (see Figure 41).
Table 79. Register 0xFE39—Channel B Light Load Mode Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Channel B light load
mode pole setting
R/W
This register specifies the position of the pole in the feedback filter for Channel B in light load
mode (see Figure 41).
Table 80. Register 0xFE3A—Channel A Light Load Mode High Frequency Gain
Bits
Bit Name
R/W
Description
[7:0]
Channel A light
load mode high
frequency gain
R/W
This register specifies the high frequency gain of the feedback filter for Channel A in light load
mode. The gain is programmable over a 20 dB range (see Figure 41). Each LSB corresponds to
a 0.3 dB increase.
Table 81. Register 0xFE3B—Channel B Light Load Mode High Frequency Gain
Bits
Bit Name
R/W
Description
[7:0]
Channel B light
load mode high
frequency gain
R/W
This register specifies the high frequency gain of the feedback filter for Channel B in light load
mode. The gain is programmable over a 20 dB range (see Figure 41). Each LSB corresponds to
a 0.3 dB increase.
Figure 42 illustrates the modulation limit settings. Register 0xFE3C and Register 0xFE3D configure the modulation limit for Channel A
and Channel B.
tRX
tFX
tRY
tFY
t0, START OF
SWITCHING CYCLE
tS/2
tS, END OF
SWITCHING CYCLE
3
tS/2
OUTX
OUTY
tMOD_LIMIT
tMOD_LIMIT
Figure 42. Setting Modulation Limits
Table 82. Register 0xFE3C—Channel A Modulation Limit
Bits
Bit Name
R/W
Description
This register sets the maximum duty cycle modulation limit for PWM outputs in Channel A.
The modulation limit is the maximum time variation for the modulated edges from the default
timing (see Figure 42). The step size of an LSB depends on the switching frequency.
Switching Frequency
LSB Step Size
48.8 kHz to 86.8 kHz
80 ns
97.7 kHz to 183.8 kHz
40 ns
195.3 kHz to 378.8 kHz
[7:0]
Channel A
modulation limit
R/W
390.6 kHz to 625.0 kHz
20 ns
10 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com