Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 80 of 84
Table 131. Register 0xFEC1—Flag Register 2 and Register 0xFEC6—Latched Flag Register 2 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name
R/W
Description
Register
Action
7
POWER_SUPPLY_B
R
Channel B power supply is off and the PWM outputs are disabled.
This bit stays high until PSON_B is asserted.
None
6
PGOOD_B
R
Power-good fault on Channel B. This flag is set when the UVP_B,
POWER_SUPPLY_B, EEPROM_CRC, or SOFTSTART_FILTER_B flag
is set. The ACSNS and OTW2 flags can also be programmed to be
included.
0xFE09,
0xFE78,
0xFE8A
PGOOD_B pin
set low
5
CS1_B_OCP
R
The voltage at CS1_B is above the 1.2 V threshold.
0xFE00,
0xFE71
Programmable
4
CS2_B_OCP
R
The voltage at CS2_B is above its threshold.
0xFE01,
0xFE19
Programmable
3
UVP_B
R
VS_B is below its threshold.
0xFE03,
0xFE29
Programmable
2
OVP_B
R
OVP_B is above its threshold.
0xFE02,
0xFE27
Programmable
1
LIGHTLOAD_B
R
Channel B is in light load mode (CS2_B current is below the light
load threshold).
0xFE1B,
0xFE6A
Programmable
0
VS_SET_ERR_B
R
The intended VS_B reference setting is outside the allowed range.
0xFE1F,
0xFE21
None
Table 132. Register 0xFEC2—Flag Register 3 and Register 0xFEC7—Latched Flag Register 3 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name
R/W
Description
Register
Action
7
Reserved
R
Reserved.
6
VDD_OV
R
Overvoltage condition (VDD is above limit). The I2C interface
remains functional, but a PSON toggle is required to restart
the power supply.
0xFE06
Programmable
5
CS_OCP
R
The voltage at CS is above the 1.2 V threshold.
0xFE04,
0xFE6F
Programmable
4
OTP2
R
Temperature of Zone 2 is above the OTP2 threshold.
0xFE05,
0xFE76
Programmable
3
OTP1
R
Temperature of Zone 1 is above the OTP1 threshold.
0xFE05,
0xFE75
Programmable
2
ACSNS
R
ACSNS is below its threshold.
0xFE04,
0xFE78
Programmable
1
EEPROM_CRC
R
The downloaded EEPROM contents are incorrect.
Immediate
shutdown
0
FLAGIN
R
The external flag pin (FLGI/SYNI) is set.
0xFE06,
0xFE0F
Programmable
Table 133. Register 0xFEC3—Flag Register 4 and Register 0xFEC8—Latched Flag Register 4 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name
R/W
Description
Register
Action
7
Reserved
R
Reserved.
6
POWER_SUPPLY_C
R
Channel C power supply is off and the PWM outputs are disabled.
This bit stays high until PSON_C is asserted.
None
5
FLAGOUT
R
The FLGO/SYNO pin is set in response to the LIGHTLOAD_A or
LIGHTLOAD_B flag.
0xFE0F
None
4
EEPROM_UNLOCKED
R
The EEPROM is unlocked.
None
3
SOFTSTART_FILTER_B
R
Channel B soft start filter is in use.
0xFE3F
None
2
SOFTSTART_FILTER_A
R
Channel A soft start filter is in use.
0xFE3E
None
1
MODULATION_B
R
Channel B digital filter is at its minimum or maximum limit.
0xFE3D
None
0
MODULATION_A
R
Channel A digital filter is at its minimum or maximum limit.
0xFE3C
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com