Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 78 of 84
Table 126. Register 0xFE86 and Register 0xFE87—VS_A/VS_B Slew Rate for Output Voltage Adjustment
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
These bits specify the slew rate.
Bit 3
Bit 2
Bit 1
Slew Rate
0
0
0
1.5625 mV/ms (4 LSB/ms)
0
0
1
3.125 mV/ms
0
1
0
6.25 mV/ms
0
1
1
12.5 mV/ms
1
0
0
25 mV/ms
1
0
1
50 mV/ms
1
1
0
100 mV/ms
[3:1]
Slew rate setting
R/W
1
1
1
200 mV/ms
0
Slew rate adjust
enable
R/W
Setting this bit enables output voltage adjustment with the slew rate specified by Bits[3:1].
Table 127. Register 0xFE88—Power Supply Software Reset Control
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
These bits specify the delay after the power supply is turned off and before the part is restarted.
Bit 3
Bit 2
Restart Delay
0
0
0 ms
0
1
500 ms
1
0
1 sec
[3:2]
Restart delay
R/W
1
1
2 sec
1
Channel B SW reset
GO
R/W
Setting this bit resets the Channel B power supply with a preset delay between the turning off
of the power supply and the restarting of the part. This restart delay is set using Bits[3:2].
0
Channel A SW reset
GO
R/W
Setting this bit resets the Channel A power supply with a preset delay between the turning off
of the power supply and the restarting of the part. This restart delay is set using Bits[3:2].
Table 128. Register 0xFE89—CS, CS1, and CS2 ADC Update Rate
Bits
Bit Name
R/W
Description
[7:2]
Reserved
R/W
Reserved.
These bits specify the update rate for the current value ADCs. By default, the current value ADCs
are updated every 10 ms.
Bit 1
Bit 0
Update Rate
0
0
10.5 ms
0
1
52.4 ms
1
0
104.9 ms
[1:0]
CSx value update rate
R/W
1
1
209.7 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com