Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 42 of 84
PMBus COMMAND SET (SUPPORTED BY THE ADP1053)
Table 12 lists the standard PMBus commands that are implemented on the ADP1053. Many of these commands are implemented in
registers, which share the same hexadecimal value as the PMBus command code.
Table 12. PMBus Command List
Command
Code
Command Name
SMBus
Transaction Type
Number of
Data Bytes
Description
0x03
CLEAR_FAULTS
Send byte
0
Clear all fault bits in the STATUS_WORD register.
0x10
WRITE_PROTECT
Read/write byte
1
Protect against accidental writes to the PMBus device; reads
allowed.
0x12
RESTORE_DEFAULT_ALL
Send byte
0
Download factory default settings from EEPROM (Page 0) to
registers.
0x15
STORE_USER_ALL
Send byte
0
Save user settings from registers to EEPROM (Page 1).
EEPROM must first be unlocked.
0x16
RESTORE_USER_ALL
Send byte
0
Download user settings from EEPROM (Page 1) to registers.
0x19
CAPABILITY
Read byte
1
Allow host system to determine capabilities of PMBus device.
0x78
STATUS_BYTE
Read byte
1
Return low byte of STATUS_WORD.
0x79
STATUS_WORD
Read word
2
Return low byte and high byte of STATUS_WORD.
0x8D
READ_TEMPERATURE_1
Read word
2
Return temperature reading (in degrees Celsius).
READ_TEMPERATURE_1 = Y × 2N.
0x8E
READ_TEMPERATURE_2
Read word
2
Return temperature reading (in degrees Celsius).
READ_TEMPERATURE_2 = Y × 2N.
0x98
PMBUS_REVISION
Read byte
1
Read PMBus revision that device is compliant with.
0x99
MFR_ID
Read block
1
Read manufacturer’s ID.
0x9A
MFR_MODEL
Read block
1
Read manufacturer’s device model number.
0x9B
MFR_REVISION
Read block
1
Read manufacturer’s device revision number.
0xB0
EEPROM_DATA_00
Read block
Variable
Block read from Page 0. EEPROM must first be unlocked.
0xB1
EEPROM_DATA_01
Read block
Variable
Block read from Page 1. EEPROM must first be unlocked.
0xB2
EEPROM_DATA_02
Read/write block
Variable
Block read/write to Page 2. EEPROM must first be unlocked
for write. Page 2 should not be written to.
0xB3
EEPROM_DATA_03
Read/write block
Variable
Block read/write to Page 3. EEPROM must first be unlocked
for write. Page 3 should not be written to.
0xB4
EEPROM_DATA_04
Read/write block
Variable
Block read/write to Page 4. EEPROM must first be unlocked
for write.
0xB5
EEPROM_DATA_05
Read/write block
Variable
Block read/write to Page 5. EEPROM must first be unlocked
for write.
0xB6
EEPROM_DATA_06
Read/write block
Variable
Block read/write to Page 6. EEPROM must first be unlocked
for write.
0xB7
EEPROM_DATA_07
Read/write block
Variable
Block read/write to Page 7. EEPROM must first be unlocked
for write.
0xB8
EEPROM_DATA_08
Read/write block
Variable
Block read/write to Page 8. EEPROM must first be unlocked
for write.
0xB9
EEPROM_DATA_09
Read/write block
Variable
Block read/write to Page 9. EEPROM must first be unlocked
for write.
0xBA
EEPROM_DATA_10
Read/write block
Variable
Block read/write to Page 10. EEPROM must first be unlocked
for write.
0xBB
EEPROM_DATA_11
Read/write block
Variable
Block read/write to Page 11. EEPROM must first be unlocked
for write.
0xBC
EEPROM_DATA_12
Read/write block
Variable
Block read/write to Page 12. EEPROM must first be unlocked
for write.
0xBD
EEPROM_DATA_13
Read/write block
Variable
Block read/write to Page 13. EEPROM must first be unlocked
for write.
0xBE
EEPROM_DATA_14
Read/write block
Variable
Block read/write to Page 14. EEPROM must first be unlocked
for write.
0xBF
EEPROM_DATA_15
Read/write block
Variable
Block read/write to Page 15. EEPROM must first be unlocked
for write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com