Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 20 of 84
DIGITAL FILTERS
Channel A and Channel B each have an internal programmable
digital filter. A Type III filter architecture is implemented in both
digital filters. The low frequency gain, zero location, pole loca-
tion, and high frequency gain can all be set individually to
optimize the loop response.
It is recommended that the ADP1053 GUI be used to program
the digital filter. The GUI displays the filter and loop response in
Bode plot format. Together with the parameters from the power
stages, all stability criteria can be evaluated.
From sensed voltage to the duty cycle, the transfer function of
the filter in z-domain is
a
z
b
z
c
z
z
m
d
H(z)
−
−
×
+
−
×
×
=
12
.
5
1
8
.
204
where:
a = filter_pole_register_value/256.
b = filter_zero_register_value/256.
c = high_frequency_gain_register_value.
d = low_frequency_gain_register_value.
m = 1 when 48.8 kHz ≤ fSW < 97.7 kHz.
m = 2 when 97.7 kHz ≤ fSW < 195.3 kHz.
m = 4 when 195.3 kHz ≤ fSW < 390.6 kHz.
m = 8 when 390.6 kHz ≤ fSW.
where fSW is the switching frequency.
To transfer the z-domain value to the s-domain, plug the
following equation into Equation 1:
s
f
s
f
z(s)
S
S
−
+
=
2
2
Another set of registers configures the filter parameters for light
load mode (see the Light Load Mode and Phase Shedding section).
These separate registers allow the controller to regulate properly
at different load conditions and to move smoothly between
normal mode and light load mode.
ACSNS AND INPUT FEEDFORWARD
ACSNS has a low speed, high resolution ADC. This ADC samples
at the same PWM switching frequency as Channel C. The ACSNS
ADC has an update rate of 800 Hz with 11-bit resolution. The
ACSNS value register (Register 0xFED9) provides information
for the ACSNS monitoring and flag functions.
To improve line transient performance, a feedforward function
is implemented in the ADP1053 using the ACSNS voltage. As
shown in Figure 19, the input voltage signal is filtered by an RCD
network. The ACSNS value is used to modify the output of the
digital filter, and the modified result is fed to the PWM engine.
When the ACSNS input is set to a nominal voltage of 1 V
(1280 decimal in the ACSNS value register), there is no effect
on the modulation value.
When the output of the ACSNS ADC is below 0x280 (640 deci-
mal), the feedforward function uses 0x280 as the effective input
value. This means that the digital filter modulation value can be
increased up to twice the original value.
For example, if the digital filter output remains unchanged and
the ACSNS voltage changes to 50% of its original value (under
an input voltage dip condition), the modulation value of OUTX
doubles (see Figure 18). The modulation edge is still limited
by the maximum modulation limit.
The feedforward function is optional. It can be enabled or
disabled using Bit 2 of Register 0xFE3E (for Channel A) and
Register 0xFE3F (for Channel B).
ACSNS
OUTX
DIGITAL
FILTER
OUTPUT
tS
tS
tMOD
tMOD
Figure 18. Feedforward Changes Modulation Values
ACSNS
ADC
REG 0xFED9
ACSNS
FEEDFORWARD
ADC
R1
R2
VX
ACSNS
GAIN TRIM
REG 0xFE77
DIGITAL
FILTER
1
X
DPWM
ENGINE
ADP1053
Figure 19. Feedforward Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com