Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 76 of 84
RTD TRIM REGISTERS
Table 117. Register 0xFE7C—RTD1 Offset Trim (MSB)
Bits
Bit Name
R/W
Description
[7:2]
Reserved
R/W
Reserved.
1
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
0
RTD1 offset trim
(MSB)
R/W
This bit, together with Register 0xFE7D, sets the amount of offset trim that is applied to the
RTD1 ADC reading.
Table 118. Register 0xFE7D—RTD1 Offset Trim (LSBs)
Bits
Bit Name
R/W
Description
[7:0]
RTD1 offset trim
(LSBs)
R/W
These eight bits, together with Bit 0 of Register 0xFE7C, sets the amount of offset trim that is
applied to the RTD1 ADC reading.
Table 119. Register 0xFE7E—RTD2 Offset Trim (MSB)
Bits
Bit Name
R/W
Description
[7:2]
Reserved
R/W
Reserved.
1
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
0
RTD2 offset trim
(MSB)
R/W
This bit, together with Register 0xFE7F, sets the amount of offset trim that is applied to the RTD2
ADC reading.
Table 120. Register 0xFE7F—RTD2 Offset Trim (LSBs)
Bits
Bit Name
R/W
Description
[7:0]
RTD2 offset trim
(LSBs)
R/W
These eight bits, together with Bit 0 of Register 0xFE7E, sets the amount of offset trim that is
applied to the RTD2 ADC reading.
Table 121. Register 0xFE80—RTD1 Current Source Settings
Bits
Bit Name
R/W
Description
[7:6]
RTD1 current setting
R/W
These bits set the size of the current source on the RTD1 pin. The factory default setting is 10 μA.
Bit 7
Bit 6
Current Source (μA)
0
0
10
0
1
20
1
0
30
1
1
40
[5:0]
RTD1 current fine
adjust
R/W
These bits are used to adjust the current source on the RTD1 pin. Each LSB corresponds to
156.25 nA, independent of the RTD1 current source setting specified by Bits[7:6].
Table 122. Register 0xFE81—RTD2 Current Source Settings
Bits
Bit Name
R/W
Description
[7:6]
RTD2 current setting
R/W
These bits set the size of the current source on the RTD2 pin. The factory default setting is 10 μA.
Bit 7
Bit 6
Current Source (μA)
0
0
10
0
1
20
1
0
30
1
1
40
[5:0]
RTD2 current fine
adjust
R/W
These bits are used to adjust the current source on the RTD2 pin. Each LSB corresponds to
156.25 nA, independent of the RTD2 current source setting specified by Bits[7:6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com