Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 65 of 84
Table 89. Register 0xFE43/0xFE47/0xFE4B/0xFE4F/0xFE53/0xFE57/0xFE5B/0xFE5F—OUT1 to OUT8 Settings
Bits
Bit Name
R/W
Description
7
OUTX 180° delay
R/W
Setting this bit adds a 180° delay to the timing of the OUTX edges.
These bits assign the PWM output to a channel (OUTX = OUT1, OUT2, OUT3, OUT4, OUT5, OUT6,
OUT7, or OUT8).
Bit 6
Bit 5
PWM Output Assignment
0
0
OUTX assigned to Channel A.
0
1
OUTX assigned to Channel B.
1
0
OUTX assigned to Channel C with soft start enabled.
[6:5]
Channel assignment
R/W
1
1
OUTX assigned to Channel C with soft start disabled.
4
Current/volt-second
balance enable
R/W
If current balance control or volt-second balance control is enabled, this bit enables the feature
on the specific PWM output (OUTX = OUT1, OUT2, OUT3, OUT4, OUT5, OUT6, OUT7, or OUT8).
0 = OUTX modulated by volt-second balance control.
1 = OUTX modulated by dual-phase current balance control.
3
tRX modulation enable
R/W
0 = no PWM modulation of the tRX edge.
1 = PWM modulation acts on the tRX edge.
2
tRX modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tRX right.
1 = negative sign. Increase of PWM modulation moves tRX left.
1
tFX modulation enable
R/W
0 = no PWM modulation of the tFX edge.
1 = PWM modulation acts on the tFX edge.
0
tFX modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tFX right.
1 = negative sign. Increase of PWM modulation moves tFX left.
Table 90. Register 0xFE60—PWM Output Pin Disable
Bits
Bit Name
R/W
Description
7
OUT8 disable
R/W
Setting this bit disables the OUT8 output.
6
OUT7 disable
R/W
Setting this bit disables the OUT7 output.
5
OUT6 disable
R/W
Setting this bit disables the OUT6 output.
4
OUT5 disable
R/W
Setting this bit disables the OUT5 output.
3
OUT4 disable
R/W
Setting this bit disables the OUT4 output.
2
OUT3 disable
R/W
Setting this bit disables the OUT3 output.
1
OUT2 disable
R/W
Setting this bit disables the OUT2 output.
0
OUT1 disable
R/W
Setting this bit disables the OUT1 output.
GO COMMAND REGISTER
Table 91. Register 0xFE61—GO Commands
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
Frequency GO
R/W
This bit synchronously latches the contents of Register 0xFE0A to Register 0xFE0C into the
shadow registers used to calculate the switching frequency.
2
PWM setting GO
R/W
This bit synchronously latches the contents of Register 0xFE40 to Register 0xFE5F into the
shadow registers used to calculate the PWM edge timing.
1
VS_B reference GO
R/W
This bit synchronously latches the contents of Register 0xFE23 and Register 0xFE25 into the
shadow registers used to calculate the VS_B voltage reference.
0
VS_A reference GO
R/W
This bit synchronously latches the contents of Register 0xFE22 and Register 0xFE24 into the
shadow registers used to calculate the VS_A voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com