Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1053ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP1053ACPZ-R7
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP1053ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1053ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 45 of 84
Command
Name
0xFE58
OUT7 rising edge timing (MSBs)
0xFE59
OUT7 falling edge timing (MSBs)
0xFE5A
OUT7 rising and falling edge timing (LSBs)
0xFE5B
OUT7 settings
0xFE5C
OUT8 rising edge timing (MSBs)
0xFE5D
OUT8 falling edge timing (MSBs)
0xFE5E
OUT8 rising and falling edge timing (LSBs)
0xFE5F
OUT8 settings
0xFE60
PWM output pin disable
GO Command Register
0xFE61
GO commands
Balance Control Registers
0xFE62
Balance control on OUT1 and OUT2
0xFE63
Balance control on OUT3 and OUT4
0xFE64
Balance control on OUT5, OUT6, OUT7, and OUT8
Synchronization Setting Registers
0xFE65
OUT1 and OUT2 shutdown in Channel C
synchronization
0xFE66
OUT1 through OUT8 dead time adjustment in
synchronization
SR and Channel C Soft Start Setting Registers
0xFE67
Synchronous rectifier (SR) soft start
0xFE68
Channel C soft start
Light Load PWM Disable Registers
0xFE69
Channel A light load mode PWM output disable
0xFE6A
Channel B light load mode PWM output disable
Fast OCP and Channel C Current Sense Setting Registers
0xFE6B
CS1_A blanking reference edge
0xFE6C
CS1_B blanking reference edge
0xFE6D
OUT3, OUT4, OUT7, and OUT8 cycle-by-cycle OCP
response
0xFE6E
CS gain trim
0xFE6F
CS OCP settings
0xFE70
CS1_A OCP settings
0xFE71
CS1_B OCP settings
0xFE72
Balance control settings
Temperature Sense and Protection Setting Registers
0xFE75
OTP1 threshold
0xFE76
OTP2 threshold
ACSNS and Feedforward Setting Registers
0xFE77
ACSNS gain trim
0xFE78
ACSNS setting
PSON Registers
0xFE79
Channel A PSON setting
0xFE7A
Channel B PSON setting
0xFE7B
Additional flag reenable delay and Channel C
PSON setting
Command
Name
RTD Trim Registers
0xFE73
RTD1 gain trim
0xFE74
RTD2 gain trim
0xFE7C
RTD1 offset trim (MSB)
0xFE7D
RTD1 offset trim (LSBs)
0xFE7E
RTD2 offset trim (MSB)
0xFE7F
RTD2 offset trim (LSBs)
0xFE80
RTD1 current source settings
0xFE81
RTD2 current source settings
Customized Registers
0xFE82
Custom register
0xFE83
REVERSE_A/REVERSE_B flag configuration
0xFE84
REVERSE_A flag settings
0xFE85
REVERSE_B flag settings
0xFE86
VS_A slew rate for output voltage adjustment
0xFE87
VS_B slew rate for output voltage adjustment
0xFE88
Power supply software reset control
0xFE89
CS, CS1, and CS2 ADC update rate
0xFE8A
OTW1/OTW2 settings
Flag Registers
0xFEC0
Flag Register 1
0xFEC1
Flag Register 2
0xFEC2
Flag Register 3
0xFEC3
Flag Register 4
0xFEC4
Flag Register 5
0xFEC5
Latched Flag Register 1
0xFEC6
Latched Flag Register 2
0xFEC7
Latched Flag Register 3
0xFEC8
Latched Flag Register 4
0xFEC9
Latched Flag Register 5
0xFECA
Channel A first flag ID
0xFECB
Channel B first flag ID
Value Registers
0xFED0
CS value
0xFED1
CS1_A value
0xFED2
CS1_B value
0xFED3
CS2_A value
0xFED4
CS2_B value
0xFED5
VS_A value
0xFED6
VS_B value
0xFED7
RTD1 value
0xFED8
RTD2 value
0xFED9
ACSNS value
0xFEDA
Channel A duty cycle value
0xFEDB
Channel B duty cycle value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com