Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 30 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments CDCUN1208LP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
SCL
SCS
SDO
t
4
t
5
t
2
t
3
t
7
t
6
t
1
SDI
t
8
A31
D0
D1
D15
D1
D0
A30
DON’T CARE
DON’T CARE
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
Writing to the CDCUN1208LP
To initiate a SPI data transfer, the master (host) asserts the SCS (serial chip select) pin low (see Figure 32). The
first rising edge of the clock signal (SCL) transfers the bit presented on the SDI pin of the CDCUN1208LP. This
bit signals if a read (first bit high) or a write (first bit low) will transpire. The master shifts data to the slave with
each rising edge of SCL. Following the W/R bit are 4 fixed bits followed by 11 bits that specify the address of the
target register in the register file (see Figure 33). The 16 bits that follow are the data payload. If the master sends
an incomplete message, (i.e. the master de-asserts the SCS pin high prior to a complete message transmission),
then the slave aborts the transfer, and device makes no changes to the register file or the hardware. The master
signals the slave of the completed transfer and disables the SPI port by de-asserting the SCS pin high.
Reading from the CDCUN1208LP
As with the write operation, the master first initiates a SPI transfer by asserting the SCS pin low. The host signals
a read operation by shifting a logical high in the first bit position, signaling the slave that the master is initiating a
read data transfer from the slave. Thereafter, the master specifies the address of interest according to Figure 33.
During the 16 clock cycles that follow, the slave presents the data from the register specified in the first half of
the message on the SDO pin. The master signals the slave that the transfer is complete by de-asserting the SCS
pin high.
Block Write/Read Operation
The CDCUN1208LP supports a block write and block read operation. The master need only specify the lowest
address of the sequence of addresses that the host needs to access. The CDCUN1208LP will automatically
increment the internal register address pointer if the SCS pin remains active low after the SPI port finishes the
initial 32-bit transmission sequence. Each transmission of 16 bits (a data payload width) results in the slave
automatically incrementing the address pointer (provided the SCS pin remains active low for all sequences).
Figure 34. SPI Timing Diagram
Table 12. SPI Timing Specifications
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
fClock
Clock Frequency for the SCL
20
MHz
t1
SCS to SCL setup time
10
ns
t2
SDI to SCL setup time
10
ns
t3
SDO to SCL hold time
10
ns
t4
SCL high duration
25
ns
t5
SCL low duration
25
ns
t6
SCL to SDO Setup time
10
ns
t7
SCS Pulse Width
20
ns
t8
SCL to SCS release time
10
ns
30
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com