Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 2Page - Texas Instruments CDCUN1208LP Datasheet HTML 3Page - Texas Instruments CDCUN1208LP Datasheet HTML 4Page - Texas Instruments CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments CDCUN1208LP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
DIGITAL INPUT ELECTRICAL CHARACTERISTICS – OE (SCL), INSEL, ITTP, OTTP, DIVIDE
(SDA/MOSI), ERC(ADDR/CS), MODE
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS INPUT
VIL1.8
Low level LVCMOS input voltage
VDD = 1.8 V
0.7
V
VIH1.8
High level LVCMOS input voltage
VDD = 1.8 V
1.35
V
VIOPEN1.8
OPEN level LVCMOS input voltage
VDD = 1.8 V
0.9
1.2
V
VIL2.5
Low level LVCMOS input voltage
VDD = 2.5 V
0.7
V
VIH2.5
High level LVCMOS input voltage
VDD = 2.5 V
1.71
V
VIOPEN2.5
OPEN level LVCMOS input voltage
VDD = 2.5 V
1.0
1.6
V
VIL3.3
Low level LVCMOS input voltage
VDD = 3.3 V
1.0
V
VIH3.3
High level LVCMOS input voltage
VDD = 3.3 V
2.3
V
VIOPEN3.3
OPEN level LVCMOS input voltage
VDD = 3.3 V
1.3
1.9
V
IIL
Low level LVCMOS input current
VDD = VDDmax, VILCMOS = 0 V
–120
μA
IIH
High level LVCMOS input current
VDD = VDDmax, VIHCMOS = 1.9 V
65
μA
CI
LVCMOS Input capacitance
6
pF
VIK
Digital input clamp voltage
VDD = 1.7V, II = –18 mA
–1.2
V
UNIVERSAL INPUT (IN1, IN2) CHARACTERISTICS
VDD = 1.8V, 2.5V, 3.3V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINGLE-ENDED MODE
fIN1,2
Input frequency
Single ended(1)
0.008
250
MHz
VIH
Input voltage - high
250 MHz
0.7 × VDD
VDD
V
VIL
Input voltage - low
250 MHz
0.2 × VDD
V
DIFFERENTIAL MODE
fINDIFF
Input frequency
0.008
400
MHz
VDD = 2.5 V, 3.3 V
0.15
1.6
V
|VIN-DIFF|
Input swing
VDD = 1.8 V
0.15
1
V
ITTP = LVDS, VDD = 3.3 V
0.8
2.5
VCM
Input common mode voltage
ITTP = LVDS, VDD = 2.5 V, 1.8 V
0.8
VDD – 0.3
V
ITTP = HCSL
–0.15
0.75
GENERAL CHARACTERISTICS
IIH
Input current - high
VDD = 3.63 V, VIH = 3.63 V
30
µA
IIL
Input current - low
VDD = 3.63 V, VIL = 0 V
–30
µA
ΔV/ΔT
Input edge rate
20%–80%
0.75
V/ns
DCIN
Input duty cycle
40
60%
CIN
Input capacitance
3.5
pF
(1)
When using an input in single-ended mode, ground the negative terminal (IN1N and/or IN2N) and drive the positive terminal (IN1P
and/or IN2P).
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com