Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments CDCUN1208LP Datasheet HTML 34Page - Texas Instruments CDCUN1208LP Datasheet HTML 35Page - Texas Instruments CDCUN1208LP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
STOP
START
I2C
ADDRESS
R/W
ACK
SDA
SCL
1 - 7
8
9
1 - 7
8
9
1 - 7
8
9
DATA
(HIGH
BYTE)
ACK
DATA
(LOW
BYTE)
ACK
S
T
A
R
T
I2C Address
R/W
A
C
K
7 Bits
1 Bit
Slave Address
7 Bits
A
C
K
Message
Addressing
and Control
Y/B
1 Bit
0
1
0
1
0
0
A0
CDCUN1208LP
I
2C Address
Set by Pin 31
(ADDR)
Read: 1
Write: 0
Byte: 1
Block: 0
0
0
0
A3 A2 A1 A0
CDCUN1208LP
Register Address
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
Generic Message Frame
Figure 37 shows a typical format for I2C messages. The message frame is bracketed by the START and STOP
symbols (both generated by the master). If a START symbol has not been transmitted, then the bus is
considered ‘available’. If a START symbol has been transmitted and a STOP symbol has not been transmitted,
the bus is considered ‘busy’. The first 8 bits transmitted include the R/W bit and a 7-bit I2C address field. The
reception of each byte grouping that is transmitted must be acknowledged by the receiver. Next, the high byte of
the data pay load is transmitted (MSB first) followed by an acknowledgement by the receiver. Finally the low byte
is sent. After acknowledgement, the master sends a STOP symbol to end the message frame.
Figure 37. I2C Message Format
CDCUN1208LP Message Format
Figure 38 shows the format of addressing and flow control for I2C messages to/from the CDCUN1208LP. A
message includes two address fields. The I2C Address is used to support multiple devices on the bus (each
device must have a unique I2C address). The Register Address specifies which register of the device identified
by the I2C Address is to be written/read.
Figure 38. CDCUN1208LP I2C Message - Addressing
CDCUN1208LP Device Addressing (I2C Address)
Figure 38 outlines the construction of the I2C Address shown in Figure 37. The highest 6 bits are assigned to the
target device family (are unique to a specific target device family) and are ‘hard wired’. The lowest address bit
(A0) corresponds to address bit that can be set via pin 31 on the CDCUN1208LP (see Table 9). This allows up to
two CDCUN1208LPs to reside on the same I2C bus. The next 8 bits transmitted is called the Register Address.
32
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com