Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 19Page - Texas Instruments CDCUN1208LP Datasheet HTML 20Page - Texas Instruments CDCUN1208LP Datasheet HTML 21Page - Texas Instruments CDCUN1208LP Datasheet HTML 22Page - Texas Instruments CDCUN1208LP Datasheet HTML 23Page - Texas Instruments CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
INPUT PORTS (IN1, IN2)
Configuration of the Input Type (ITTP)
Table 6 describes how to set the input buffers to the appropriate switching levels using the ITTP pin. For proper
input termination, see Figure 43.
Table 6. CDCUN1208LP Pin Control of Input Type (ITTP)
ITTP (Pin 8)
ITTP SETTING
LOW
LVDS
HIGH
HCSL
OPEN
LVCMOS
Configuration of the IN2 Divider (INDIV)
Table 7 describes how to set the input divider using the DIVIDE pin. If the /8 setting is desired, then this feature
is accessed via the host configuration method only refer to section DEVICE CONTROL USING THE HOST
INTERFACE.
Table 7. CDCUN1208LP Pin Control of INDIV Divider
DIVIDE (Pin 1)
INDIV DIVIDER SETTING
LOW
/2
HIGH
/4
OPEN
/1
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com