Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 1 Page - Texas Instruments

  CDCUN1208LP Datasheet HTML 1Page - Texas Instruments CDCUN1208LP Datasheet HTML 2Page - Texas Instruments CDCUN1208LP Datasheet HTML 3Page - Texas Instruments CDCUN1208LP Datasheet HTML 4Page - Texas Instruments CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LVDS P
LVDS N
LVDS P
LVDS N
LVDS P
LVDS N
LVDS P
LVDS N
CDCUN1208LP
HCSLP
/1,/2,/4,/8
HCSLN
HCSLP
HCSLN
HCSLP
HCSLN
HCSLP
HCSLN
OE
OTTP
ERC
LVCMOS
HCSL
LVDS
NC
V
DD
HCSL P
HCSLN
HCSL P
HCSL N
HCSLP
HCSL N
HCSLP
HCSL N
CDCUN1208LP
OE
ERC
LVDS P
LVDS N
LVDS P
LVDS N
LVDS P
LVDS N
LVDS P
LVDS N
OTTP
LVCMOS
HCSL
LVDS
V
DD
DIVIDE
IN2P
IN1P
INSEL
IN1N
IN2N
MODE
NC
/1,/2,/4,/8
DIVIDE
IN2P
IN1P
IN1N
IN2N
MODE
NC
ITTP
LVCMOS
HCSL
LVDS
NC
V
DD
INSEL
ITTP
LVCMOS
NC
V
DD
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
400 MHz Low Power 2:8 Fan-Out Buffer with
Universal Inputs and Outputs
Check for Samples: CDCUN1208LP
1
FEATURES
•
Maximum Operating Frequency:
–
Differential Mode: up to 400 MHz
•
Configuration Options (via pins or SPI/I2C):
–
LVCMOS Mode: up to 250 MHz
–
Input Type (HCSL, LVDS, LVCMOS)
•
ESD Protection Exceeds 2kV HBM, 500V CDM
–
Output Type (HCSL, LVDS, LVCMOS)
•
Industrial Temperature Range (–40°C to 85°C)
–
Signal Edge Rate (Slow, Medium, Fast)
•
Wide Supply Range (1.8V, 2.5V, or 3.3V)
–
Clock Input Divide Value (/1, /2, /4, /8) – IN2
only
APPLICATIONS
•
Low Power Consumption and Power
Management Features Including 1.8V
•
Communications Systems (Ethernet, PCI
Operation and Output Enable Control
Express)
•
Integrated Voltage Regulators Improve PSNR
•
Computing Systems (Ethernet, PCIe, USB)
•
Excellent Additive Jitter Performance
•
Consumer (Set top boxes, video equipment)
–
200 fs RMS (10kHz-20MHz), LVDS at
•
Office Automation
100MHz
DESCRIPTION
The CDCUN1208LP is a 2:8 fan-out buffer featuring a wide operating supply range, two universal
differential/single-ended inputs, and universal outputs (HCSL, LVDS, or LVCMOS) with edge rate control. One of
the device inputs includes a divider that provides divide values of /1, /2, /4, or /8. The CDCUN1208LP is offered
in a 32 pin QFN package reducing the solution footprint. The device is flexible and easy to use. The state of
certain pins determines device configuration at power up. Alternately, the CDCUN1208LP provides a SPI/I2C port
with which a host processor controls device settings. The CDCUN1208LP delivers excellent additive jitter
performance, and low power consumption. The output section includes four dedicated supply pins enabling the
operation of output ports from different power supply domains. This provides the ability to clock devices switching
at different LVCMOS levels without the need for external logic level translation circuitry.
Figure 1. CDCUN1208LP Applications – HCSL and LVDS Fan-Out Buffer Mode
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCUN1208LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI2-CDCU2A877 Datasheet
603Kb / 18P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
REVISED JUNE 2007
CDCU2A877NMKR TI-CDCU2A877NMKR Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCUN1208LP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9P936 IDT-ICS9P936 Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
logo
Integrated Device Techn...
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Nexperia B.V. All right...
74AVC1T1022 NEXPERIA-74AVC1T1022 Datasheet
270Kb / 25P
1-to-4 fan-out buffer
logo
Renesas Technology Corp
ICS9P936 RENESAS-ICS9P936 Datasheet
326Kb / 13P
Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
logo
Nexperia B.V. All right...
74AVC1T1004 NEXPERIA-74AVC1T1004 Datasheet
262Kb / 18P
1-to-4 fan-out buffer
Rev. 2 - 1 March 2021
74AVC9112 NEXPERIA-74AVC9112 Datasheet
205Kb / 16P
1-to-4 fan-out buffer
Rev. 1 - 23 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com