Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 3Page - Texas Instruments CDCUN1208LP Datasheet HTML 4Page - Texas Instruments CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments CDCUN1208LP Datasheet HTML 10Page - Texas Instruments CDCUN1208LP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
CLOCK OUTPUT BUFFER CHARACTERISTICS (OUTPUT MODE = LVDS)
Unless otherwise noted, VDDOX = 1.8V, 2.5V, 3.3V; TA = –40°C to 85°C. See Figure 9, Figure 10, and Figure 11.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency
0.008
400
MHz
Output common mode voltage,
RL = 100 Ω
1.125
1.2
1.275
V
VDDOx = 2.5/3.3 V
VCM
Output common mode voltage,
RL = 100 Ω
0.9
V
VDDOx = 1.8 V
|VOD|
Differential output voltage
RL = 100 Ω, single-ended Pk-Pk
250
400
550
mV
Change in magnitude of VOD for
ΔVOD
RL = 100 Ω
–50
50
mV
complementary output states
Vring
Output overshoot and undershoot
Percentage of output amplitude VOD
20%
VOS
Output AC common mode
VIN, DIFF, PP = 0.9V, RL = 100 Ω, 2 pF
150
mVP-P
fout = 100 MHz, 10k-20M integration bandwidth,
200
RL = 100Ω
TADDJIT
Additive jitter(1)
fs, rms
fout = 400 MHz, 10k-20M integration bandwidth,
180
RL = 100Ω
ERC = Slow, 20% to 80%, ZL = 100Ω, 1pF,
800
VDDOx = 3.3V
ERC = Slow, 20% to 80%, ZL = 100Ω, 1pF,
700
VDDOx = 1.8V
tR/tF
Output rise/fall time
ERC = Medium., 20% to 80%, ZL = 100Ω, 1pF,
ps
600
VDDOx = 3.3V
ERC = Medium., 20% to 80%, ZL = 100Ω, 1pF,
500
VDDOx = 1.8V
ERC = Fast, 20% to 80%, Z L = 100Ω, 1 pF
300
ODC
Output Duty Cycle
50/50 Input duty cycle
45%
55%
ISP
Output Short Circuit Current (single
Shorted to GND
-24
24
mA
ended)
ISN
|IPN|
Output Short Circuit Current (differential)
Complementary outputs shorted together
12
mA
ERC set to high rate. Input tr, tf > 0.6 V/ns, RL =
3.3
100
Ω, VDD = 2.5V, 3.3V
TDLYO
Propagation Delay
ns
ERC set to high rate. Input tr, tf > 0.6 V/ns, RL =
3.8
100
Ω, VDD = 1.8V
ERC set to high rate. Input tr, tf > 0.6 V/ns, Equal
VDDOx,
tSKEW
Skew between outputs
35
50
ps
RL = 100Ω
Pin mode. fout = 100 MHz, device in active mode
tOE
Output enable to stable clock output
20
µs
with outputs disabled, OE asserted
Host mode, fout = 100 MHz, device in power down
tPD
PD de-asserted to stable clock output
20
µs
mode, PD de-asserted
Time from power applied to stable clock
Pin mode, fout = 100 MHz, OE asserted, measured
tPU
1
ms
output(2)
from time VDD is valid to stable output.
(1)
tRfin = tFfin > 0.6 V/ns.
(2)
Parameter depends significantly on power supply design and supply voltage rise time.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com