Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments CDCUN1208LP Datasheet HTML 10Page - Texas Instruments CDCUN1208LP Datasheet HTML 11Page - Texas Instruments CDCUN1208LP Datasheet HTML 12Page - Texas Instruments CDCUN1208LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
VMAX = 1.15V
REFCLK -
V
CROSSMAX = 550 mV
V
CROSSMIN = 250 mV
REFCLK +
V
MIN = -0 .3 V
REFCLK -
REFCLK+
140 mV
TSTABLE
VRB
TSTABLE
V
RB
REFCLK+
minus
V
= +150 mV
IH
V
= +150 mV
RB
0.0 V
V
= -150 mV
RB
V
= -150 mV
IL
REFCLK –
VIH - +150 mV
V
IL - -150 mV
REFCLK +
Minus
REFCLK -
tr
tf
T
FA
LL
TR
IS
E
REFCLK -
REFCLK +
REFCLK -
REFCLK +
V
CROSS MEDIAN
V
CROSS MEDIAN
V
CROSS MEDIAN+ 75 mV
V
CROSS MEDIAN- 75 mV
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
Figure 3. HCSL Crossing Point Voltage
Figure 4. HCSL Variation of VCROSS over all Rising Clock Edges
Figure 5. HCSL Ring Back Margin and Timing
Figure 6. HCSL Rise Fall Time and Edge Speed
Figure 7. HCSL Rise Fall Time Matching
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com