Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 4 Page - Texas Instruments

  CDCUN1208LP Datasheet HTML 1Page - Texas Instruments CDCUN1208LP Datasheet HTML 2Page - Texas Instruments CDCUN1208LP Datasheet HTML 3Page - Texas Instruments CDCUN1208LP Datasheet HTML 4Page - Texas Instruments CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
PIN FUNCTIONS(1) (continued)
PIN
NAME
DESCRIPTION
NUMBER
OUT2N
13
Output 2 – Negative Terminal
Output Power Supply – OUT3, OUT4; Output bank OUT1 – OUT4 regulator power supply (apply power if any
VDDO2
14
of OUT1 – OUT4 are needed)
OUT3P
15
Output 3 – Positive Terminal
OUT3N
16
Output 3 – Negative Terminal
OUT4P
17
Output 4 – Positive Terminal
OUT4N
18
Output 4 – Negative Terminal
OUT5P
20
Output 5 – Positive Terminal
OUT5N
21
Output 5 – Negative Terminal
VDDO3
22
Output Power Supply - OUT5, OUT6
OUT6P
23
Output 6 – Positive Terminal
OUT6N
24
Output 6 – Negative Terminal
OUT7P
25
Output 7 – Positive Terminal
OUT7N
26
Output 7 – Negative Terminal
Output Power Supply – OUT7, OUT8 Output bank OUT5 – OUT8 regulator power supply (apply power if any of
VDDO4
27
OUT5 – OUT8 are needed)
OUT8P
28
Output 8 – Positive Terminal
OUT8N
29
Output 8 – Negative Terminal
ORDERING INFORMATION
TA
PACKAGED DEVICES
FEATURES
–40°C to 85°C
CDCUN1208LPRHBT
32-pin QFN (RHB) package, small tape and reel
–40°C to 85°C
CDCUN1208LPRHBR
32-pin QFN (RHB) package, tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDDxx
Supply voltage range(2)
–0.5 to 4.6
V
VIN
Input voltage range(3)
–0.5 to VDDIx + 0.5
V
VOUT
Output voltage range(3)
–0.5 to VDDOx + 0.5
V
IIN
Input current
20
mA
IOUT
Output current
50
mA
TSTG
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All supply voltages must be supplied simultaneously
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp–current ratings are observed.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com