Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 12Page - Texas Instruments CDCUN1208LP Datasheet HTML 13Page - Texas Instruments CDCUN1208LP Datasheet HTML 14Page - Texas Instruments CDCUN1208LP Datasheet HTML 15Page - Texas Instruments CDCUN1208LP Datasheet HTML 16Page - Texas Instruments CDCUN1208LP Datasheet HTML 17Page - Texas Instruments CDCUN1208LP Datasheet HTML 18Page - Texas Instruments CDCUN1208LP Datasheet HTML 19Page - Texas Instruments CDCUN1208LP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
REF
RF
Signal Generator
INx
PCB Trace
50 W
Cable
BALUN
100 W
INx
(2)
Vbias
REF
RF
Signal Generator
(a)
(b)
50 W
50 W
50 W
50 W
50 W
50 W
50 W
50 W
INx
REF
RF
Signal Generator
PCB Trace
50 W
50 W
Power Supply
+
GND
VOUT
IOUT
VDD
REF
CLK
(b) LVDS
100W
100W
OUTx
OUTx
VDDOx
A
100W
100W
OUTx
OUTx
100W
100W
OUTx
OUTx
100W
100W
OUTx
OUTx
VDDOx
VDDOx
VDDOx
INx
INx
50W (2)
Power Supply
+
GND
VOUT
IOUT
VDD
REF
CLK
(a) HCSL
OUTx
OUTx
VDDOx
A
OUTx
OUTx
OUTx
OUTx
OUTx
OUTx
VDDOx
VDDOx
VDDOx
INx
INx
50W (2)
50W (2)
50W (2)
50W (2)
50W (2)
50W (2)
50W (2)
Power Supply
+
GND
VOUT
IOUT
VDD
REF
CLK
(c) LVCMOS
OUTx
OUTx
VDDOx
A
OUTx
OUTx
OUTx
OUTx
OUTx
OUTx
VDDOx
VDDOx
VDDOx
INx
INx
8 pF (2)
8 pF (2)
8 pF (2)
8 pF (2)
8 pF (2)
8 pF (2)
8 pF (2)
8 pF (2)
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
Figure 17. CDCUN1208LP Universal Input - Differential Mode Measurement Setup
Figure 18. CDCUN1208LP Universal Input - Single-Ended Mode Measurement Setup
Figure 19. CDCUN1208LP Power Consumption Measurement Setup
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com