Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 21Page - Texas Instruments CDCUN1208LP Datasheet HTML 22Page - Texas Instruments CDCUN1208LP Datasheet HTML 23Page - Texas Instruments CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Microcontroller /
FPGA/DSP
MODE
PINS
I2C
SPI
NC
VDD
CDCUN1208LP
LVCMOS
LVCMOS
LVCMOS
OUT2N
3.3V
LVCMOS
LVCMOS
LVDS
LVDS
1.8V
LVDS
LVDS
LVDS
LVDS
3.3V
LVDS
LVDS
HCSL
HCSL
3.3V
Interface
&
Control
IN2P
/1,/2,/4,/8
IN1P
INSEL
VDD
Voltage
Regulator
GND
Power
Management
IN1N
IN2N
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
DEVICE CONTROL USING THE HOST INTERFACE
Host configuration mode affords a greater degree of flexibility. Unlike pin configuration mode in which the pin
settings affect the entire device, host configuration mode enables the user to apply different settings to each
input and output port as depicted in Figure 30. This includes the ability to mix and match output type, edge rate
control, and output enable settings. The host interface is enabled/selected by strapping the MODE pin either high
(for I2C) or low (for SPI) and resetting the device. Additional device features are accessible only through the host
interface as well. For instance, the user can configure the input divider (IDIV) to /8 in host configuration mode
only. Additionally, the system can power down the device through device registers.
OE and INSEL in Host Configuration Mode
In host configuration mode, the OE pin is no longer available; therefore buffers are controlled individually via the
host interface. The input multiplexer can be controlled either via the pin or via the device registers in accordance
with Table 11.
Figure 30. CDCUN1208LP Host Configuration – Typical Application
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com