Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments CDCUN1208LP Datasheet HTML 34Page - Texas Instruments CDCUN1208LP Datasheet HTML 35Page - Texas Instruments CDCUN1208LP Datasheet HTML 36Page - Texas Instruments CDCUN1208LP Datasheet HTML 37Page - Texas Instruments CDCUN1208LP Datasheet HTML 38Page - Texas Instruments CDCUN1208LP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Motherboard Traces
PCIe
Connector
1" Trace
CL = 2 pF (2)
ZL (2)
RS (2)
1" Trace
ZL (2)
Motherboard
Traces
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
APPLICATION INFORMATION
PCI EXPRESS APPLICATIONS
Figure 41 shows a typical application in which the receiver is off board. The PCIe Specification (CEM2.0)
requires that all source termination is on the motherboard (not on the daughter card). For this reason, the
termination resistors are placed as shown. Additionally, source resistors are employed to eliminate ringing. In this
case, ZL can vary between 40Ω and 60Ω and RS can range from 22Ω to 33Ω.
Figure 41. Typical Configuration – Off Board Receiver
Figure 42 shows a typical application in which the receiver is on-board. In this case, series resistors are not
required to eliminate ringing as proper termination is achieved. In this case two termination resistors, ZL = 49.9Ω
are placed close to the receiver.
Figure 42. Typical Configuration – On Board Connection
DEVICE POWER SUPPLY CONNECTIONS AND SEQUENCING
VDD (pin 5) is the core power supply of the device while VDDOx (pins 11, 14, 22, and 27) provide power for the
output sections. The core supply must be present either before the application of the output power supplies or be
present simultaneously. Applying an output power supply voltage on any of the VDDOx pins prior to the
application of power to the core supply pin will potentially result in improper device operation.
VDDO2 (pin 14) and VDDO4 (pin 27) provide power for OUT1/OUT2 and OUT7/OUT8 respectively. Additionally,
these pins provide power to integrated voltage regulators that condition power for two banks of outputs. For
example, the regulator associated with OUT1–OUT4 receives power from the VDDO2 pin. Consequently, if the
application requires one or two outputs from a bank of four, then the application must use OUT3/OUT4 and apply
power via VDDO2(1). Likewise, the regulator that conditions power for OUT5–OUT8 receives power from VDDO4
(pin 27). If the application uses subset of OUT5–OUT8, then OUT7/OUT8 must be used. For example, if the
application will use 6 of the 8 output channels, then VDDO1, VDDO2, and VDDO4 (along with OUT1–OUT4, and
OUT7–OUT8) must be used. If the application requires the use of 7 of the 8 output channels, the
VDDO1–VDDO4 are used, and OUT1–OUT7 or OUT1–OUT6 and OUT8 could be used.
(1)
If OUT1 or OUT2 are used and VDDO1 is powered but not VDDO2, the CDCUN1208LP will not function properly. Likewise, if OUT5 or
OUT6 are used and VDDO3 is powered but not VDDO4, then the device will not function properly either.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com