Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 17Page - Texas Instruments CDCUN1208LP Datasheet HTML 18Page - Texas Instruments CDCUN1208LP Datasheet HTML 19Page - Texas Instruments CDCUN1208LP Datasheet HTML 20Page - Texas Instruments CDCUN1208LP Datasheet HTML 21Page - Texas Instruments CDCUN1208LP Datasheet HTML 22Page - Texas Instruments CDCUN1208LP Datasheet HTML 23Page - Texas Instruments CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
CDCUN1208LP
DIVIDE
IN2P
/1,/2,/4,/8
IN1P
INSEL
IN1N
IN2N
OE
MODE (PINS)
ERC
Medium
VDD
Fast
Slow
NC
/1
/4
/2
NC
VDD
AUTO
IN2
IN1
NC
VDD
~
~ ~
~
~
~
OUT8P
OUT8N
OUT2P
OUT2N
OUT1P
OUT1N
OTTP
LVCMOS
VDD
HCSL
LVDS
NC
LVCMOS
HCSL
LVDS
NC
VDD
ITTP
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
FUNCTIONAL DESCRIPTION
DEVICE CONTROL USING CONFIGURATION PINS
Figure 28 illustrates and Table 2 lists the CDCUN1208LP device settings using the configuration pins. Some pins
sense three different states (HIGH, LOW, OPEN) according to Figure 28 and DIGITAL INPUT ELECTRICAL
CHARACTERISTICS – OE (SCL), INSEL, ITTP, OTTP, DIVIDE (SDA/MOSI), ERC(ADDR/CS), MODE. The
device samples the state of the pins at power up and configures the device accordingly. Certain pins including
INSEL and OE are sampled continuously; thus changes of state of INSEL or OE controls the device instantly.
Figure 28. CDCUN1208LP Pin Configuration Overview
Table 2. CDCUN1208LP Pin Configuration Summary
DEVICE CONFIGURATION
PIN NAME
PIN NUMBER
DEFINITION
DETAILS
DEVICE OUTPUTS
OTTP
19
Output Type Setting
See Table 3
ERC
31
Edge Rate Control
See Table 4
OE
32
Device Global Output Enable
See Table 5
DEVICE INPUTS
ITTP
8
Input Type Setting
See Table 6
DIVIDE
1
IN2 Input Divider Control
See Table 7
INSEL
2
Input Multiplexer Setting
See Table 8
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com