Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 18Page - Texas Instruments CDCUN1208LP Datasheet HTML 19Page - Texas Instruments CDCUN1208LP Datasheet HTML 20Page - Texas Instruments CDCUN1208LP Datasheet HTML 21Page - Texas Instruments CDCUN1208LP Datasheet HTML 22Page - Texas Instruments CDCUN1208LP Datasheet HTML 23Page - Texas Instruments CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
Configuration of Output Type (OTTP)
Table 3 shows how to set the output buffer type using the OTTP pin. This setting affects all device outputs
equally. Certain combinations of output buffers include a dedicated power supply pin which must be properly
bypassed. If the device output configuration is set to LVCMOS, then the supply voltage applied establishes the
switching thresholds corresponding to the supply provided according to CLOCK OUTPUT BUFFER
ELECTRICAL CHARACTERISTICS (OUTPUT MODE = LVCMOS). For example, if OUT1 and OUT2 are
supplied with a 1.8V power supply via the VDDO1 pin, the switching thresholds are set to the 1.8V logic domain.
The system may have other logic supplies (1.8V, 2.5V, or 3.3V) connected to the device on different output
buffer supply domains simultaneously. This enables the device to clock devices operating on different supplies
without the need for external logic level translation buffers. The CDCUN1208LP automatically adjusts the
switching thresholds corresponding to these common logic power supply voltages. For more information
regarding the power supplies for the output section, see DEVICE POWER SUPPLY CONNECTIONS AND
SEQUENCING.
Table 3. CDCUN1208LP Pin Configuration of Output Type
OTTP (Pin 19)
OUTPUT TYPE
LOW
LVDS
HIGH
HCSL
OPEN
LVCMOS
Configuration of Edge Rate Control (ERC)
The CDCUN1208LP supports Edge Rate Control (ERC) used to tailor jitter and EMI performance from device
outputs. Table 4 shows the edge rate control setting. This setting affects all device outputs equally. Each edge
rate setting is unique to the output buffer type selected as described in CLOCK OUTPUT BUFFER
CHARACTERISTICS (OUTPUT MODE = LVDS), CLOCK OUTPUT BUFFER CHARACTERISTICS (OUTPUT
MODE = HCSL), and CLOCK OUTPUT BUFFER ELECTRICAL CHARACTERISTICS (OUTPUT MODE =
LVCMOS).
Table 4. CDCUN1208LP Pin Configuration of Output Edge Rate
ERC (Pin 31)
OUTPUT EDGE RATE
LOW
SLOW
HIGH
MEDIUM
OPEN
FAST
Control of Output Enable (OE)
Table 5 shows how the output enable pin controls the device outputs. The OE pin is sampled continuously so
that the application may turn on/off the output buffers at any time.
Table 5. CDCUN1208LP Pin Control of Output Enable
OE (Pin 32)
OUTPUT ENABLE
LOW
DISABLED
HIGH
ENABLED
OPEN
RESERVED(1)
(1)
Leaving the Output Enable pin OPEN will cause the CDCUN1208LP to malfunction. This pin must be
driven high or low at all times
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com