Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 20Page - Texas Instruments CDCUN1208LP Datasheet HTML 21Page - Texas Instruments CDCUN1208LP Datasheet HTML 22Page - Texas Instruments CDCUN1208LP Datasheet HTML 23Page - Texas Instruments CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
PRI _REF
SEC _REF
Internal
Reference Clock
Primary Clock
Secondary Clock
Primary Clock
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
SMART INPUT MULTIPLEXER (INMUX)
The Smart Multiplexer supports manual and automatic switching between IN1 and IN2. If enabled, the Smart
Multiplexer switches automatically between clock inputs based on a prioritization scheme shown in Table 8. If
using the Smart Multiplexer Auto Mode, the frequencies of the clocks applied to the smart multiplexer via IN1 and
IN2 (via the divider) may differ by up to 20%. The phase relationship between clock inputs has no restriction. The
smart multiplexer includes signal conditioning that provides glitch suppression.(1)
Upon the detection of a loss of signal on the input with higher priority, the smart multiplexer switches over to the
other clock input on the first incoming rising edge. During this switching operation, the output of the smart
multiplexer is low. Upon restoration of the higher priority clock, the smart multiplexer waits until it detects four
complete cycles from the higher priority clock prior to switching the output of the smart multiplexer back to the
higher priority clock. During this switching operation, the output of the smart multiplexer remains high until the
next falling edge as shown in Figure 29.
Pin Configuration of the Smart Input Multiplexer (INMUX)
Table 8 shows how to control the Smart Input Multiplexer. In Pin Configuration mode, the INSEL pin is sampled
continuously so that the application may select the input clock at any time.
Table 8. Control of INMUX via the INSEL Pin
INSEL(Pin 2)
IN1 BUFFER SETTING
IN2 BUFFER SETTING
LOW
ON and selected by INSEL Multiplexer
OFF
HIGH
OFF
ON and selected by INSEL Mux
OPEN
Smart Multiplexer selects input. IN1 is the primary input (it has the highest priority, therefore if it is available,
the smart multiplexer selects IN1)
Figure 29. CDCUN1208LP Smart Multiplexer Operation
(1)
This implementation does not implement a phase build-out mechanism; rather, analog filtering insuring a smooth transition at device
outputs.
24
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com