Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 15Page - Texas Instruments CDCUN1208LP Datasheet HTML 16Page - Texas Instruments CDCUN1208LP Datasheet HTML 17Page - Texas Instruments CDCUN1208LP Datasheet HTML 18Page - Texas Instruments CDCUN1208LP Datasheet HTML 19Page - Texas Instruments CDCUN1208LP Datasheet HTML 20Page - Texas Instruments CDCUN1208LP Datasheet HTML 21Page - Texas Instruments CDCUN1208LP Datasheet HTML 22Page - Texas Instruments CDCUN1208LP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
0
0.5
1
1.5
2
V
= 1.8 V,
C = 8 pF,
T = 25°C
DD
L
A
ERC_FAST
ERC_MED
ERC_SLOW
0
50
100
150
200
250
300
350
400
f
- MHz
OUT
0
50
100
150
200
250
300
350
400
f
- MHz
OUT
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
C = 0 pF
L
C = 10 pF
L
C = 8 pF
L
V
= 3.3 V,
ERC = FAST,
T = 25°C
DD
A
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
Figure 24. CDCUN1208LP LVCMOS Signal Swing Characteristics (1.8V Mode)
Figure 25. CDCUN1208LP LVCMOS Capacitive Load Drive Characteristics (3.3V Mode)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com