Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 5 Page - Texas Instruments

  CDCUN1208LP Datasheet HTML 1Page - Texas Instruments CDCUN1208LP Datasheet HTML 2Page - Texas Instruments CDCUN1208LP Datasheet HTML 3Page - Texas Instruments CDCUN1208LP Datasheet HTML 4Page - Texas Instruments CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
THERMAL INFORMATION
CDCUN1208LP
THERMAL METRIC(1)
QFN32
UNITS
32 PINS
θJA
Junction-to-ambient thermal resistance
32.5
θJCtop
Junction-to-case (top) thermal resistance
24.2
θJB
Junction-to-board thermal resistance
6.6
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
6.6
θJCbot
Junction-to-case (bottom) thermal resistance
1.6
SPACER
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
TA = –40°C TO 85°C
MIN
NOM
MAX
UNIT
POWER SUPPLIES(1)
VDD
DC Power Supply - Core
1.8V Mode
1.7
1.8
1.9
V
VDDOx
DC Power Supply - Output
1.8V Mode
1.7
1.8
1.9
V
VDD
DC Power Supply - Core
2.5V Mode
2.375
2.5
2.625
V
VDDOx
DC Power Supply - Output
2.5V Mode
2.375
2.5
2.625
V
VDD
DC Power Supply - Core
3.3V Mode
2.97
3.3
3.63
V
VDDOx
DC Power Supply - Output
3.3V Mode
2.97
3.3
3.63
V
TEMPERATURE
TA
Free- Air Temperature
–40
85
°C
(1)
For proper device operation, the core power supply voltage (pin 5) must be applied either before the application of any output power
supply or simultaneously with the application of the output power supplies. The application of an output power supply prior to the
application of the core power supply could result in improper device behavior.
Table 1. CDCUN1208LP Power Consumption (TA = –40°C to 85°C)
DEVICE SETTINGS (See Table 2)
(1)
MAX CURRENT
MAX CURRENT
TEST
PARAMETER
DESCRIPTION
VDD= 1.8V
VDD = 3.3V
UNIT
CONFIGURATION
MODE
OE
ERC
OTTP
INSEL
ITTP
PD Bit
fOUT = fin = 100 MHz
fOUT = fin = 100MHz
Host Configuration
Mode
IPD1.8,3.3
L or H
L
X
X
X
L
H
Device Power Down
3
4
mA
(see Host
Configuration Mode)
ICORE1.8,3.3
O
L
X
X
X
L
X
Figure 19a,b,c
Device Outputs Off
26
35
mA
HCSL Buffer Current
IHCSL1.8,3.3
O
H
O
H
L
O
X
Figure 19a
23
23
mA
Consumption
(2)
LVDS Buffer Current
ILVDS1.8,3.3
O
H
O
L
L
O
X
Figure 19b
9
9
mA
Consumption
(2)
LVCMOS Buffer
ILVCMOS1.8,3.3
O
H
O
O
L
O
X
Figure 19c
Current Consumption
8
11
mA
(one side)
(2)
Device Current
IDEV-HCSL1.8,3.3
O
H
O
H
L
O
X
Figure 19a
Consumption – HCSL
200
200
mA
Mode
Device Current
IDEV-LVDS1.8,3.3
O
H
O
L
L
O
X
Figure 19b
Consumption – LVDS
80
90
mA
Mode
Device Current
IDEV-LVCMOS1.8,3.3
O
H
O
O
L
O
X
Figure 19c
Consumption –
130
210
mA
LVCMOS Mode
(1)
H = Input High, L = Input Low; O = Input Open
(2)
Buffer current consumption values represent the average of the current drawn by VDDO1, VDDO2, VDDO3, and VDDO4 divided by 8
(differential mode) or 16 (single-ended mode).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com