Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments CDCUN1208LP Datasheet HTML 10Page - Texas Instruments CDCUN1208LP Datasheet HTML 11Page - Texas Instruments CDCUN1208LP Datasheet HTML 12Page - Texas Instruments CDCUN1208LP Datasheet HTML 13Page - Texas Instruments CDCUN1208LP Datasheet HTML 14Page - Texas Instruments CDCUN1208LP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
CLOCK OUTPUT BUFFER ELECTRICAL CHARACTERISTICS (OUTPUT MODE = LVCMOS)
Unless otherwise noted, VDDOx as shown in Table sections, TA = –40°C to 85°C. ERC = Fast. For test configurations, see
Figure 15 and Figure 16.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3V MODE
fout
Output frequency range
0.0008
250
MHz
VDDOx = 2.97 V, IOH = –0.1 mA (All ERC Settings)
2.9
V
VDDOx = 2.97 V, IOH = –5 mA (ERC = SLOW)
2.4
V
VDDOx = 2.97 V, IOH = –8 mA (ERC = MED, FAST)
LVCMOS High-level output
VOH
voltage
VDDOx = 2.97 V, IOH = –6 mA (ERC = SLOW)
VDDOx = 2.97 V, IOH = –10 mA (ERC = MED)
2.2
V
VDDOx = 2.97 V, IOH = –12 mA (ERC = FAST)
VDDOx = 2.97 V, IOL = 0.1 mA (All ERC Settings)
0.1
V
VDDOx = 2.97 V, IOL = 5 mA (ERC = SLOW)
0.5
V
VDDOx = 2.97 V, IOL = 8 mA (ERC = MED, FAST)
LVCMOS Low-level output
VOL
voltage
VDDOx = 2.97 V, IOL = 6 mA (ERC = SLOW)
VDDOx = 2.97 V, IOL = 10 mA (ERC = MED)
0.8
V
VDDOx = 2.97 V, IOL = 12 mA (ERC = FAST)
VDDOx = 3.3 V, VO = 0.5 V; TA = 25°C
–73
LVCMOS High-level output
IOH
VDDOx = 3.3 V, VO = 1.0 V; TA = 25°C
–64
mA
current
VDDOx = 3.3 V, VO = 1.65 V; TA = 25°C
–49
VDDOx = 3.3 V, VO = 2.8 V; TA = 25°C
78
LVCMOS Low-level output
IOL
VDDOx = 3.3 V, VO = 2.3 V; TA = 25°C
72
mA
current
VDDOx = 3.3 V, VO = 1.65 V; TA = 25°C
58
tPLH, tPHL
Propagation Delay
5
ns
ERC = Slow, 20% to 80%, fout = 100 MHz, CL = 8 pF
1.2
V/ns
tSLEW-RATE
Output rise/fall slew rate
ERC = Medium 20% to 80%, fout = 100 MHz, CL = 8 pF
3
ERC = Fast, 20% to 80%, fout = 250 MHz, CL = 8 pF
6
tjitt-add
Additive Jitter
fOUT = 100 MHz, 10k-20M integration bandwidth
280
fs
tsk(o)
Output Skew(1)
90
ps
odc
Output Duty Cycle(2),(3)
fOUT = 100 MHz; Pdiv = 1
45%
55%
Output enable to stable clock
Pin mode. fout = 100 MHz, device in active mode with
tOE
2
µs
output
outputs disabled, OE asserted
PD de-asserted to stable clock
Host mode, fout = 100 MHz, device in power down mode,
tPD
10
µs
output
PD de-asserted
Time from power applied to
Pin mode, fout = 100 MHz, OE asserted, measured from
tPU
1
ms
stable clock output(4)
time VDD is valid to stable output.
(1)
The tsk(o) specification is only valid for equal loading with identical edge rates and output supply voltages..
(2)
Assumes 50% duty cycle at the input(s)
(3)
odc depends on output rise and fall time (tR/tF).
(4)
Parameter depends significantly on power supply design and supply voltage rise time.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com