Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 3 Page - Texas Instruments

  CDCUN1208LP Datasheet HTML 1Page - Texas Instruments CDCUN1208LP Datasheet HTML 2Page - Texas Instruments CDCUN1208LP Datasheet HTML 3Page - Texas Instruments CDCUN1208LP Datasheet HTML 4Page - Texas Instruments CDCUN1208LP Datasheet HTML 5Page - Texas Instruments CDCUN1208LP Datasheet HTML 6Page - Texas Instruments CDCUN1208LP Datasheet HTML 7Page - Texas Instruments CDCUN1208LP Datasheet HTML 8Page - Texas Instruments CDCUN1208LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
UN1208LP
GND
(thermal pad )
OUT1P
OUT1N
VDDO1
OUT2P
OUT2N
OUT3P
OUT3N
VDDO2
OE
ERC
MODE
OUT8N
OUT8P
VDDO4
OUT7N
OUT7P
9
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
RHB PACKAGE
(TOP VIEW)
PIN FUNCTIONS(1)
PIN
NAME
DESCRIPTION
NUMBER
GND
Thermal Pad
Power supply ground and thermal relief
Device Power Supply, Provides power to the input section and clock distribution section. Use a power supply
VDD
5
voltage that corresponds to the switching levels of clock input(s) (i.e. 1.8V, 2.5V, or 3.3V).
Device Control Mode Select
OPEN = Device Configured via pins (Pin Mode)
HIGH = Device Configured via I2C
MODE
30
LOW = Device Configured via SPI
Note: For information on control via the serial interface (I2C/ SPI), see DEVICE CONTROL USING THE HOST
INTERFACE section.
Input Divider Pin Control
DIVIDE
1
(HIGH = /4, LOW = /2, OPEN = /1)
Device Output Enable
OE
32
HIGH = Enable, LOW = Disable
Output Edge Rate Control
ERC
31
HIGH = Medium, LOW = Slow, OPEN = Fast
INSEL
2
Input Multiplexer Control
ITTP
8
Input Type Select (HIGH = HCSL, LOW = LVDS, OPEN = LVCMOS)
IN1P
3
Universal Input 1 – Positive Terminal
IN1N
4
Universal Input 1 – Negative Terminal, Ground if using IN1 in single-ended mode
IN2P
6
Universal Input 2 – Positive Terminal
IN2N
7
Universal Input 2 – Negative Terminal, Ground if using IN2 in single-ended mode
OTTP
19
Output Type Select (HIGH = HCSL, LOW = LVDS, OPEN = LVCMOS)
OUT1P
9
Output 1 – Positive Terminal
OUT1N
10
Output 1 – Negative Terminal
VDDO1
11
Output Power Supply – OUT1, OUT2
OUT2P
12
Output 2 – Positive Terminal
(1)
This pin list applies to operation of the device in pin mode. In host mode, certain pins take on an alternate function as outlined in
Table 9.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com