Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 10Page - Texas Instruments CDCUN1208LP Datasheet HTML 11Page - Texas Instruments CDCUN1208LP Datasheet HTML 12Page - Texas Instruments CDCUN1208LP Datasheet HTML 13Page - Texas Instruments CDCUN1208LP Datasheet HTML 14Page - Texas Instruments CDCUN1208LP Datasheet HTML 15Page - Texas Instruments CDCUN1208LP Datasheet HTML 16Page - Texas Instruments CDCUN1208LP Datasheet HTML 17Page - Texas Instruments CDCUN1208LP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Oscilloscope
CH1
CH2
50 W
LVDS
100 W
High
Impedance
Probes
50 W
50 W
SMA
(2)
Cable
PCB Trace
LVDS
Oscilloscope
CH1
CH2
50 W
50 W
50 W
LVDS
Spec Analyzer
RF
(3)
SMA
(2)
Cable
BALUN
SMA
SMA
(2)
PCB Trace
Cable
50 W
50 W
50 W
50 W
50 W
Oscilloscope
CH1
CH2
(2)
33.1 W(2)
50 W
2 pF (2)
HCSL
High
Impedance
Probes
50 W
50 W
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
TEST CONFIGURATIONS
Figure 9. CDCUN1208LP LVDS Output - Test Setup
Figure 10. CDCUN1208LP LVDS Output - Propagation Delay/Skew Measurement Setup
Figure 11. CDCUN1208LP LVDS Output - Phase Noise/Jitter Measurement Setup
Figure 12 shows the configuration used to measure the HCSL buffer characteristics. Either single ended probes
with math or differential probes can be used for differential measurements. The 50
Ω differential trace length is up
to 15 inches.
Figure 12. CDCUN1208LP HCSL Output – Measurement Configuration with Load
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com