Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCUN1208LP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
A14
W
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SCS
SCL
SDO
A14
R
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
SDI
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Hi-Z
Don’t Care
0
0
0
A3 A2 A1 A0
0
0
1
0
0
0
0
0
SPI Fixed Address
CDCUN1208LP Register Address
lsb
msb
A14
W
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D15 D14 D13 D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SCS
SCL
SDI
A14
R
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
SDI
D15 D14 D13 D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Hi-Z
Don’t Care
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
HOST INTERFACE HARDWARE INFORMATION
SPI Communication
A SPI communication link includes a master and one or more slaves. Table 9 lists the four signal lines that form
a SPI communication link. Figure 32 shows the format for SPI messages. The SPI master (host) initiates
communication by asserting SCS low. Information on SDI/SDO is latched on each rising edge of SCL. The first
bit transmitted on SDI establishes the direction of the SPI transfer. Next, the master transmits the address to be
written/read (up to 15 bits). If the operation is a write, the master transmits 16 data bits on SDI. If the transfer is a
read, the slave transmits 16 data bits on SDO (the master continues to clock the transfer via SCL). Figure 34 and
Table 12 show the timing specifications for SPI.
Figure 32. SPI Message Format
CDCUN1208LP SPI Addressing
Figure 33 shows how to construct the address field for SPI messages to/from the CDCUN1208LP. The device is
assigned a 4-bit fixed address (0001b). In order for the host to communicate with the CDCUN1208LP, the
address must include this fixed value in the correct position for the device to recognize the message.
Figure 33. CDCUN1208LP Device Addressing - SPI Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com