Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments REF5050 Datasheet HTML 15Page - Texas Instruments REF5050 Datasheet HTML 16Page - Texas Instruments REF5050 Datasheet HTML 17Page - Texas Instruments REF5050 Datasheet HTML 18Page - Texas Instruments REF5050 Datasheet HTML 19Page - Texas Instruments REF5050 Datasheet HTML 20Page - Texas Instruments REF5050 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
The digital gain resolution is in 0.5-dB increments, from 0 dB to full mute and is programmed by the SINEG[7:0]
register bits. Table 4 lists the digital gain setting. Equation 2 is the amplitude setting in sine mode.
Sine Amplitude (dB) = Analog Gain (dB) + Digital Gain (dB)
(2)
Best SNR, for a given signal level, is achieved by reducing the analog gain while maximizing the digital gain.
Table 4. Sine Mode Digital Gain
SINE MODE DIGITAL GAIN (dB)
SINEG[7:0] REGISTER BITS
0
0000 0000
–0.5
0000 0001
–1.0
0000 0010
—
—
–119.5
1110 1111
Full mute
1111 0000
Full mute
1111 xxxx
Full mute
1111 1111
DC Mode
The DAC1282 provides a dc output mode with 24-bit available resolution. The output level is determined by the
analog gain and the 24-bit dc registers.
The GAIN[2:0] register bits set the analog gain (see Table 3). The DCG[23:0] register bits set the 24-bit level
over the selected analog range. Table 5 lists the digital gain settings in dc mode.
Table 5. DC Mode Digital Gain Settings
DIFFERENTIAL OUTPUT VOLTAGE (V)(1)
DCG[23:0] REGISTER BITS
+2.5 x Gain
7FFFFFh
+1.25 x Gain
3FFFFFh
0
0
–1.25 x Gain
C00000h
–2.5 x Gain
800001h
(1)
VREF = 5 V. Ideal output voltage excluding gain, offset, linearity and noise errors..
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com