Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 26 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 22Page - Texas Instruments REF5050 Datasheet HTML 23Page - Texas Instruments REF5050 Datasheet HTML 24Page - Texas Instruments REF5050 Datasheet HTML 25Page - Texas Instruments REF5050 Datasheet HTML 26Page - Texas Instruments REF5050 Datasheet HTML 27Page - Texas Instruments REF5050 Datasheet HTML 28Page - Texas Instruments REF5050 Datasheet HTML 29Page - Texas Instruments REF5050 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
CLK
DVDD
Status
1.3 V nom
AVDD - AVSS
1.4 V nom
2 t
CLK
16
Operational
Reset
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
At power-on, when the latter of DVDD exceeds approximately 1.3 V, or the difference of AVDD
– AVSS exceeds
approximately 1.4 V, an internal power-on reset (POR) occurs. During POR, the device is held in a reset
condition for a period of 216 fCLK periods as shown in Figure 43. During this time, the DAC1282 output is held at 0
V, differential. SPI communications are not possible during this time. After the reset time elapses, the default
settings are loaded: 31.25 Hz, 28 mVRMS amplitude, and output switch off. SPI communications can then be
started.
Figure 43. Power-On Sequence
Power Consumption
The power consumed by the DAC1282 depends on the analog gain. Table 13 shows the DAC power
consumption.
Table 13. Power Consumption
ANALOG GAIN
POWER (mW)(1)
1/1
38
1/2
28
1/4
23
1/8
21
1/16
20
1/32
20
1/64
20
(1)
Typical power consumption with VREF = 5 V and VOUT = 0 V. Excludes pulse mode.
Offset and Gain Error
The DAC1282 features a low offset error (
±7/Gain + 50 ppm FS typical) and low gain error (0.1 % typical). Offset
and gain drift are also very low for the DAC1282. Drift is calculated using the box calculation method of
Equation 4:
Drift Calculation = (Max
– Min)/Temperature Range (ppm/°C)
Where:
Max and Min are, respectively, the maximum and minimum offset and gain errors (in ppm) recorded over the
specified temperature range of
–40°C to +85°C.
(4)
Gain match is the gain error of Gain = 1/1 relative to all analog gains.
Signal-to-Noise Ratio (SNR)
The DAC1282 achieves excellent signal-to-noise ratio (SNR) performance. The SNR data are obtained using the
DAC circuit of Figure 50 and data captured by the ADS1282.
SNR is measured with a signal level of
–0.5 dBFS and a 31.25-Hz test frequency, then taking the fast fourier
transform (FFT) of 4096 data points from the ADS1282, using complementing gains. The noise power is
calculated over the bandwidth of 413 Hz (1-ms sample period). The dc, fundamental, and harmonic bins are
removed to calculate the SNR. The SNR measurement represents the combination of the ADS1282 SNR and the
SNR of the DAC1282.
26
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com