Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 24Page - Texas Instruments REF5050 Datasheet HTML 25Page - Texas Instruments REF5050 Datasheet HTML 26Page - Texas Instruments REF5050 Datasheet HTML 27Page - Texas Instruments REF5050 Datasheet HTML 28Page - Texas Instruments REF5050 Datasheet HTML 29Page - Texas Instruments REF5050 Datasheet HTML 30Page - Texas Instruments REF5050 Datasheet HTML 31Page - Texas Instruments REF5050 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
−2
−1
0
1
2
−50
0
50
100
150
200
250
300
350
400
450
SYNC pin transition
Time (µs)
VOUTP, VOUTN
DC mode
Full Scale Step
G000
0
10
20
30
40
50
60
-
-
-
-
-
-
0
5
10
15
20
25
30
35
40
45
50
Output Frequency (kHz)
CLK = 4.096MHz
Excludes I/V Filter Rolloff
OUTPUT FREQUENCY RESPONSE
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
Figure 46 shows the step response time of the dc mode. The step response of sine and digital data mode have
similar settling times. Note that additional filter components in the signal path may also affect the response time.
Figure 46. DC Mode Step Response
FREQUENCY RESPONSE
The DAC internal signal generator is capable of output signal frequencies from 0.489 Hz to 250 Hz. Frequencies
outside of this range are also possible by driving the DAC directly with an external digital input (bitstream).
However, the DAC low-pass filters the digital input and results in a sinx/x frequency response. The
–3 dB signal
bandwidth of the DAC filter is 8.2 kHz. Figure 47 illustrates the DAC1282 frequency response. Note that
high-order noise-shaped digital inputs may limit the useable frequency range as a result of rising noise.
Figure 47. DAC Frequency Response
28
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com