Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 17Page - Texas Instruments REF5050 Datasheet HTML 18Page - Texas Instruments REF5050 Datasheet HTML 19Page - Texas Instruments REF5050 Datasheet HTML 20Page - Texas Instruments REF5050 Datasheet HTML 21Page - Texas Instruments REF5050 Datasheet HTML 22Page - Texas Instruments REF5050 Datasheet HTML 23Page - Texas Instruments REF5050 Datasheet HTML 24Page - Texas Instruments REF5050 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SWOUTP
SWOUTN
SWINP
SWINN
S
5
S
2
S
1
S
4
S
3
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
OUTPUT SWITCH (SWINP, SWINN, SWOUTP, SWOUTN)
The DAC1282 has an integrated output switch. The switch can be used to route the DAC output signal to a
sensor for pulse, THD, and common-mode testing. The switch has low on-resistance and matched elements to
minimize signal distortion. The switch input voltage range extends to the analog power supply.
The switch is controlled by three register bits, SW[2:0], and is also controlled by the SW/TD input pin. The switch
integrates break-before-make operation when the register or the SW/TD input control is changed. The SW/TD
input can be used to force the switch open for precise timing control of sensor impulse testing; see the Switch
Control/DAC Data Input (SW/TD) section. Figure 37 and Table 8 describe the switch operation.
Figure 37. DAC1282 Signal Switch
Note that when the DAC is in power-down mode, the switch is forced open.
As shown in Figure 29, the switch on-resistance varies with the switch signal level. When the switch is used to
route the signal and a resistive load is connected to the switch output, the switch on-resistance variations interact
with the load resistance and cause the THD to degrade. Figure 27 illustrates the dependence of THD versus
switch load resistance. The dependence of THD data was taken with a full-scale signal.
Table 8. Switch Connections
DESCRIPTION
PIN CONNECTIONS
SWITCHES CLOSED
SW[2:0] REGISTER BITS
Open (default)
Open
None
000
Differential
SWINP to SWOUTP and SWINN to SWOUTN
S1, S3
001
Differential reverse
SWINP to SWOUTN and SWINN to SWOUTP
S2, S4
010
Common-mode positive
SWINP to SWOUTP and SWOUTN
S1, S2
011
Common-mode negative
SWINN to SWOUTP and SWOUTN
S3, S4
100
Single-ended positive
SWINP to SWOUTP
S1
101
Single-ended negative
SWINN to SWOUTN
S3
110
Output short
SWOUTP to SWOUTN
S5
111
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com