Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 29 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 25Page - Texas Instruments REF5050 Datasheet HTML 26Page - Texas Instruments REF5050 Datasheet HTML 27Page - Texas Instruments REF5050 Datasheet HTML 28Page - Texas Instruments REF5050 Datasheet HTML 29Page - Texas Instruments REF5050 Datasheet HTML 30Page - Texas Instruments REF5050 Datasheet HTML 31Page - Texas Instruments REF5050 Datasheet HTML 32Page - Texas Instruments REF5050 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
SERIAL INTERFACE
Configuration of the DAC is by an SPI-compatible serial interface consisting of four signals: CS, SCLK, DIN, and
DOUT; or the interface can consist of three signals in which case CS may be tied low. Tying CS low permanently
selects the device and DOUT remains a driven output. The interface is used to read and write registers and also
is used to send a DAC reset command.
Serial Communications
DAC1282 communication occurs by clocking register data into the device (on DIN) and reading back register
data (on DOUT). The SCLK input is used to clock data into and out of the device. Data are input on the serial
clock (SCLK) rising edge and output on the SCLK falling edge. The communication protocol is half-duplex (that
is, data are transmitted to and from the device one direction at a time).
Communications to the device occur on 8-bit boundaries. If an unintentional SCLK transition should occur (such
as is possible from a noise spike), the DAC1282 command decoder can be out-of-sync and the serial port may
not respond properly. The serial port may reset in one of the following ways:
1. Take CS high to reset the interface
2. Hold SCLK inactive (low state) for 218 fCLK cycles to automatically reset the interface (see the SPI Timeout
section)
3. Take RESET/PWDN low then back high to reset the device and the interface
4. Cycle the power supplies for a power-on reset (POR)
Chip Select (CS)
CS (chip select) selects the DAC1282 for communication. To select the device, pull CS low. CS must remain low
for the duration of the command sequence. When CS is taken high, the serial interface is reset, input commands
are ignored, and DOUT enters a high-impedance state.
Serial Clock (SCLK)
The serial clock (SCLK) is a Schmitt-triggered input used to clock data into and out of the DAC1282. SCLK can
be idled high or low. If SCLK is idled low, the SPI timeout feature is active. If SCLK is idled high, the SPI timeout
feature is disabled.
Despite the built-in Schmitt-trigger, keep SCLK as clean as possible to prevent glitches from accidently shifting
the data. Series-terminated printed circuit board (PCB) traces often help to reduce ringing and overshoot (series
termination resistance is approximately 20
Ω to 50 Ω). If SCLK is held low for 218 fCLK periods, the serial interface
is reset. The timeout feature can be used to automatically recover the SPI port in the event of a noise glitch.
Avoid starting new commands after this time interval to prevent an unexpected serial port reset at the next
command instant.
Data Input (DIN)
DIN is the data input pin used to send data to the DAC. The DAC1282 latches DIN input data on the rising edge
of SCLK.
Data Output (DOUT)
DOUT is the data output pin used to read register data out of the DAC. The data are shifted out on the falling
edge of SCLK. DOUT enters a 3-state when CS is high.
SPI TIMEOUT
The DAC has an SPI timeout feature that can be used to recover the SPI port if a possible noise pulse should
occur. The noise pulse may lead to a false SCLK detection that can render the DAC serial port unresponsive.
The port is recovered by taking CS high but, in applications where CS is tied low, holding SCLK low for 218 CLK
cycles resets the SPI port automatically. When SCLK is low, the SPI port resets on every 218 CLK cycle interval.
Holding SCLK high disables the automatic SPI reset.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com