Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 12Page - Texas Instruments REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments REF5050 Datasheet HTML 15Page - Texas Instruments REF5050 Datasheet HTML 16Page - Texas Instruments REF5050 Datasheet HTML 17Page - Texas Instruments REF5050 Datasheet HTML 18Page - Texas Instruments REF5050 Datasheet HTML 19Page - Texas Instruments REF5050 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
Table 2 lists values of registers M and N for selected output frequencies.
Table 2. Register Output Frequencies
SIGNAL FREQUENCY (Hz)(1)
M[3:0] REGISTER BITS
N[7:0] REGISTER BITS
FREQ BIT
0.48828125
0000
1111 1111
1
0.9765625
0000
1111 1111
0
1.953125
0000
0111 1111
0
3.90625
0000
0011 1111
0
7.8125
0000
0001 1111
0
15.625
0000
0000 1111
0
31.25
0000
0000 0111
0
50
0000
0000 0100
0
55
1010
0011 0001
0
60
0101
0001 1000
0
62.5
0000
0000 0011
0
100
1001
0001 1000
0
125
0000
0000 0001
0
250
0000
0000 0000
0
(1)
fCLK = 4.096M Hz. The signal frequency scales with fCLK.
When the M or N registers are updated, the sine wave resets to the zero-crossing point. The sine wave can also
be reset to the zero-crossing point by taking the SYNC pin high; see the SYNC section.
The amplitude of the sine-wave output is determined by analog and digital gains. The analog gain increments are
6 dB, from 0 dB to
–36 dB, and are programmed by the GAIN[2:0] register bits. Table 3 lists the analog gains.
Table 3. Analog Gain
ANALOG GAIN
ANALOG GAIN (dB)(1)
DIFFERENTIAL RANGE (V)(2)
GAIN[2:0] REGISTER BITS
1/1
0
±2.5
000
1/2
–6
±1.25
001
1/4
–12
±0.625
010
1/8
–18
±0.312
011
1/16
–24
±0.156
100
1/32
–30
±0.078
101
1/64
–36
±0.039
110
(1)
Relative to 1.77 VRMS full-scale.
(2)
VREF = 5 V, digital gain = 0 dB.
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com