Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 20Page - Texas Instruments REF5050 Datasheet HTML 21Page - Texas Instruments REF5050 Datasheet HTML 22Page - Texas Instruments REF5050 Datasheet HTML 23Page - Texas Instruments REF5050 Datasheet HTML 24Page - Texas Instruments REF5050 Datasheet HTML 25Page - Texas Instruments REF5050 Datasheet HTML 26Page - Texas Instruments REF5050 Datasheet HTML 27Page - Texas Instruments REF5050 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
SYNC
CLK
t
SYLO
SCSU
t
CSHD
t
PULSA
PULSA
PULSB
Output
SYNC
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
In sine mode, the SYNC rising edge resets the DAC output to differential 0 V (sine-wave zero-crossing point).
When SYNC is high or low, the output is unaffected. When SYNC is taken from low to high, the output resets on
the following CLK rising edge. SYNC must be pulsed low for a minimum of 2 CLK cycles. The SYNC input can
be applied simultaneous to the DAC and the ADS1282 (ADC in pulse-sync mode).
To synchronize the DAC, observe SYNC to the CLK timing requirements shown in Figure 40. That is, the SYNC
rising edge should be applied before the set-up time or after the hold time specifications. If the SYNC timing
requirement is not met, the DAC may synchronize with one clock cycle timing error.
Figure 40. Sine Mode Synchronization
Table 11. Timing Characteristics for Figure 40(1)
SYMBOL
DESCRIPTION
MIN
UNIT
tSYLO
SYNC pulse width low
2
tCLK
tSCSU
SYNC rising edge to CLK rising edge setup time
30
ns
tCSHD
CLK rising edge to SYNC rising edge hold time
10
ns
(1)
DVDD = 1.65 V to 3.6 V.
In pulse mode, the SYNC pin selects one of two pre-programmed pulse levels. The pulse levels are
programmable from +2.5 V to
–2.5 V in approximately 3-dB steps by pulse level registers PULSA and PULSB.
When SYNC is low, the value of the PULSA register drives the DAC; when SYNC is high, the value of the
PULSB register is the code of the DAC, as shown in Figure 41. When the SYNC pin is changed, the DAC output
updates immediately to the new code.
Figure 41. SYNC Operation in Pulse Mode
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com